Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8420V Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420V Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP8420V Datasheet HTML 9Page - National Semiconductor (TI) DP8420V Datasheet HTML 10Page - National Semiconductor (TI) DP8420V Datasheet HTML 11Page - National Semiconductor (TI) DP8420V Datasheet HTML 12Page - National Semiconductor (TI) DP8420V Datasheet HTML 13Page - National Semiconductor (TI) DP8420V Datasheet HTML 14Page - National Semiconductor (TI) DP8420V Datasheet HTML 15Page - National Semiconductor (TI) DP8420V Datasheet HTML 16Page - National Semiconductor (TI) DP8420V Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
40 Port A Access Modes
The DP8420V21V22V DP84T22 have two general pur-
pose access modes Mode 0 RAS synchronous and Mode 1
RAS asynchronous One of these modes is selected at pro-
gramming through the B1 input A Port A access to DRAM is
initiated by two input signals ADS (ALE) and CS The ac-
cess is always terminated by one signal AREQ These input
signals should be synchronous to the input clock
41 ACCESS MODE 0
Mode 0 synchronous access is selected by negating the
input B1 during programming (B1e0) To initiate a Mode 0
access ALE is pulse high and CS is asserted If precharge
time was met a refresh of DRAM or a Port B access was
not in progress the RAS (RASs) would be asserted on the
first rising edge of clock If a refresh or a Port B access is in
progress or precharge time is required the controller will
wait until these events have taken place and assert RAS
(RASs) on the next positive edge of clock
Sometime after the first positive edge of clock after ALE and
CS have been asserted the input AREQ must be asserted
In single port applications once AREQ is asserted CS can
be negated On the other hand ALE can stay asserted sev-
eral periods of clock however ALE must be negated before
or during the period of CLK in which AREQ is negated
The controller samples AREQ on the every rising edge of
clock after DTACK is asserted The access will end when
AREQ is sampled negated
TLF11109 – 9
FIGURE 8a Access Mode 0
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com