Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 17Page - Texas Instruments LM3421 Datasheet HTML 18Page - Texas Instruments LM3421 Datasheet HTML 19Page - Texas Instruments LM3421 Datasheet HTML 20Page - Texas Instruments LM3421 Datasheet HTML 21Page - Texas Instruments LM3421 Datasheet HTML 22Page - Texas Instruments LM3421 Datasheet HTML 23Page - Texas Instruments LM3421 Datasheet HTML 24Page - Texas Instruments LM3421 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
x
PA
23
=
HYS
V
¨¨
©
§
+
2
UV
R
¸¸
¹
·
1
UV
R
(
+
x
1
UV
R
)
2
UV
R
UVH
R
2
UV
R
A
23
x
2
HYS
V
=
1
¸
¸
¹
·
¨
¨
©
§
x
=
-
ON
TURN
24V
.
1
V
1
UV
R
+
2
UV
UV
R
R
1.24V
23 2A
LM3421/23
RUV2
RUV1
VIN
UVLO
nDIM
RUVH
(optional)
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
Feature Description (continued)
Figure 23. UVLO Circuit
When using the nDIM pin for UVLO and PWM dimming concurrently, the UVLO circuit can have an extra series
resistor to set the hysteresis. This allows the standard resistor divider to have smaller resistor values minimizing
PWM delays due to a pulldown MOSFET at the nDIM pin (see PWM Dimming section). In general, at least 3 V of
hysteresis is preferable when PWM dimming, if operating near the UVLO threshold.
The turnon threshold (VTURN-ON) is defined using Equation 26.
(26)
The hysteresis (VHYS) is defined as follows:
7.3.11.1 UVLO Only
(27)
7.3.11.2 PWM Dimming and UVLO
(28)
When zero current shutdown and UVLO are implemented together, the EN pin can be used to escape UVLO.
The nDIM pin will pull up to VIN when EN is pulled low; therefore, if VIN is within the UVLO hysteretic window
when EN is pulled high again, the controller will start-up even though VTURN-ON is not exceeded.
7.3.12 PWM Dimming
The active low nDIM pin can be driven with a PWM signal which controls the main NFET and the dimming FET
(dimFET). The brightness of the LEDs can be varied by modulating the duty cycle of this signal. LED brightness
is approximately proportional to the PWM signal duty cycle, (that is, 30% duty cycle equals approximately 30%
LED brightness). This function can be ignored if PWM dimming is not required by using nDIM solely as a VIN
UVLO input as described in Input Undervoltage Lockout (UVLO) or by tying it directly to VCC or VIN.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com