Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 9Page - Texas Instruments LM3421 Datasheet HTML 10Page - Texas Instruments LM3421 Datasheet HTML 11Page - Texas Instruments LM3421 Datasheet HTML 12Page - Texas Instruments LM3421 Datasheet HTML 13Page - Texas Instruments LM3421 Datasheet HTML 14Page - Texas Instruments LM3421 Datasheet HTML 15Page - Texas Instruments LM3421 Datasheet HTML 16Page - Texas Instruments LM3421 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
VSNS = 1.24V x
RCSH
RHSP
ICSH =
RHSP
VSNS
RSNS
ILED
RHSP
RHSN
HSN
HSP
High-Side
Sense Amplifier
CSH
1.24V
CCMP
RCSH
COMP
Error Amplifier
VSNS
To PWM
Comparator
LM3421/23
ICSH
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
Feature Description (continued)
Even though the off-time control is quasi-hysteretic, the input voltage proportionality in the off-timer creates an
essentially constant switching frequency over the entire operating range for boost and buck-boost topologies.
The buck topology can be designed to give constant ripple over either input voltage or output voltage, however
switching frequency is only constant at a specific operating point .
This type of control minimizes the control loop compensation necessary in many switching regulators, simplifying
the design process. The averaging mechanism in the peak detection control loop provides extremely accurate
LED current regulation over the entire operating range.
PRO control was designed to mitigate “current mode instability” (also called “sub-harmonic oscillation”) found in
standard peak current mode control when operating near or above 50% duty cycles. When using standard peak
current mode control with a fixed switching frequency, this condition is present, regardless of the topology.
However, using a constant off-time approach, current mode instability cannot occur, enabling easier design and
control.
Predictive off-time advantages:
•
There is no current mode instability at any duty cycle.
•
Higher duty cycles / voltage transformation ratios are possible, especially in the boost regulator.
The only disadvantage is that synchronization to an external reference frequency is generally not available.
7.3.3 Average LED Current
Figure 13. LED Current Sense Circuitry
The LM34xx/Q1 uses an external current sense resistor (RSNS) placed in series with the LED load to convert the
LED current (ILED) into a voltage (VSNS) as shown in Figure 13. The HSP and HSN pins are the inputs to the
high-side sense amplifier which are forced to be equal potential (VHSP=VHSN) through negative feedback.
Because of this, the VSNS voltage is forced across RHSP to generate the signal current (ICSH) which flows out of
the CSH pin and through the RCSH resistor. The error amplifier will regulate the CSH pin to 1.24 V, therefore ICSH
can be calculated using Equation 4.
(4)
This means VSNS will be regulated as follows:
(5)
ILED can then be calculated using Equation 6.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com