Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 30Page - Texas Instruments LM3421 Datasheet HTML 31Page - Texas Instruments LM3421 Datasheet HTML 32Page - Texas Instruments LM3421 Datasheet HTML 33Page - Texas Instruments LM3421 Datasheet HTML 34Page - Texas Instruments LM3421 Datasheet HTML 35Page - Texas Instruments LM3421 Datasheet HTML 36Page - Texas Instruments LM3421 Datasheet HTML 37Page - Texas Instruments LM3421 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
IL-RMS =
1 +
1
12
x
ILED
'IL-PP x D'
¸
¹
·
¨
©
§
2
D'
ILED
x
IL-RMS = ILED x
1 +
1
12
x
ILED
'IL-PP
¸
¹
·
¨
©
§
2
IN
L PP
SW
V
D
L1
i
f
K


K
IN
O
L PP
SW
(V
V ) D
L1
i
f
K


K
1.24V
R
HSP =
R
R
I
SNS
CSH
LED
x
x
SNS
R
=
SNS
V
LED
I
T
25
R =
T
SW
C
f
x
(
)
T
25
R =
2
O
O
IN
V
V
V
-
x
x
2
IN
T
SW
V
C
f
x
x
RT =
25 x VIN - VO
fSW x CT X VIN
(
)
LM3421, LM3421-Q1, LM3423, LM3423-Q1
SNVS574F – JULY 2008 – REVISED JULY 2015
www.ti.com
Typical Applications (continued)
(39)
Buck (Constant Ripple vs. VO)
(40)
Boost and Buck-Boost
(41)
8.2.1.2.3
Average LED Current
For all topologies, set the average LED current (ILED) knowing the desired current sense voltage (VSNS) and
solving for RSNS:
(42)
If the calculated RSNS is too far from a desired standard value, then VSNS will have to be adjusted to obtain a
standard value.
Setup the suggested signal current of 100 µA by assuming RCSH = 12.4 kΩ and solving for RHSP:
(43)
If the calculated RHSP is too far from a desired standard value, then RCSH can be adjusted to obtain a standard
value.
8.2.1.2.4
Inductor Ripple Current
Set the nominal inductor ripple current (
ΔiL-PP) by solving for the appropriate inductor (L1):
Buck
(44)
Boost and Buck-Boost
(45)
To set the worst case inductor ripple current, use VIN-MAX and DMIN when solving for L1.
The minimum allowable inductor RMS current rating (IL-RMS) can be calculated as:
Buck
(46)
Boost and Buck-Boost
(47)
34
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com