Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 35Page - Texas Instruments LM3421 Datasheet HTML 36Page - Texas Instruments LM3421 Datasheet HTML 37Page - Texas Instruments LM3421 Datasheet HTML 38Page - Texas Instruments LM3421 Datasheet HTML 39Page - Texas Instruments LM3421 Datasheet HTML 40Page - Texas Instruments LM3421 Datasheet HTML 41Page - Texas Instruments LM3421 Datasheet HTML 42Page - Texas Instruments LM3421 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
(
)
R
R
+
x
2
UV
1
UV
A
23 2
(
)
x
HYS
A
23
V
x
2
-
R
2
UV
R
1
UV
UVH
R
=
R
UV1 =
1.24V
V
ON
TURN
-
-
R
1.24V
UV2
x
R
UV2 =
A
23 2
V
HYS
R
OV1 =
R
1.24V
OV2
x
V
m
620
V
OFF
TURN
-
-
R
OV1 =
1.24V
V
OFF
TURN
-
-
R
1.24V
OV2
x
R
OV2 =
V
HYSO
A
23 2
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
Typical Applications (continued)
8.2.1.2.11
Output OVLO
For boost and buck-boost regulators, output OVLO is programmed with the turn-off threshold voltage (VTURN-OFF)
and the desired hysteresis (VHYSO). To set VHYSO, solve for ROV2:
(89)
To set VTURN-OFF, solve for ROV1:
Boost
(90)
Buck-Boost
(91)
A small filter capacitor (COVP = 47 pF) should be added from the OVP pin to ground to reduce coupled switching
noise.
8.2.1.2.12
Input UVLO
For all topologies, input UVLO is programmed with the turnon threshold voltage (VTURN-ON) and the desired
hysteresis (VHYS).
Method 1: If no PWM dimming is required, a two resistor network can be used. To set VHYS, solve for RUV2:
(92)
To set VTURN-ON, solve for RUV1:
(93)
Method 2: If PWM dimming is required, a three resistor network is suggested. To set VTURN-ON, assume RUV2 =
10 k
Ω and solve for RUV1 as in Method 1. To set VHYS, solve for RUVH:
(94)
8.2.1.2.13
PWM Dimming Method
PWM dimming can be performed several ways:
Method 1: Connect the dimming MOSFET (Q3) with the drain to the nDIM pin and the source to AGND. Apply an
external PWM signal to the gate of QDIM. A pulldown resistor may be necessary to properly turn off Q3.
Method 2: Connect the anode of a Schottky diode to the nDIM pin. Apply an external inverted PWM signal to the
cathode of the same diode.
The DDRV pin should be connected to the gate of the dimFET with or without level-shifting circuitry as described
in the PWM Dimming section. The dimFET should be rated to handle the average LED current and the nominal
output voltage.
8.2.1.2.14
Analog Dimming Method
Analog dimming can be performed several ways:
Method 1: Place a potentiometer in series with the RCSH resistor to dim the LED current from the nominal ILED to
near zero.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com