Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3559TLX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559TLX/NOPB
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559TLX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3559TLX/NOPB Datasheet HTML 17Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 18Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 19Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 20Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 21Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 22Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 23Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 24Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
STROBE
(Level/Edge Bit
Set to Edge)
LED
Current
Timeout Duration
32 Ps
21
LM3559
www.ti.com
SNVS624B – JUNE 2011 – REVISED JUNE 2016
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 35. LED Current for Strobe (Edge Triggered, Enable Register Bit [5] = 1)
After the flash pulse terminates; either by a flash timeout, pulling STROBE low or disabling it via the I2C-
compatible interface, LED1 and LED2 turn completely off. This happens even when torch is enabled via the I2C-
compatible interface, and the flash pulse is turned on by toggling STROBE. After a flash event ends, the EN1,
EN0 bits (bits [1:0] of the Enable Register) are automatically reset with 0, 0. The exception occurs when the
privacy terminate bit is low (bit [3]) in the Privacy Register. In this case, the specific current source that is
enabled for privacy mode turns back on after the flash pulse if privacy mode had been enabled before the flash
pulse.
8.4.4 Torch Mode
In torch mode the current sources LED1 and LED2 each provide 8 different current levels (Table 3). Torch mode
is activated by setting Enable Register bits [1:0] to (1, 0). Once torch mode is enabled, the current sources ramp
up to the programmed torch current level by stepping through all of the torch currents at (32 µs/step) until the
programmed torch current level is reached.
8.4.5 Privacy-Indicate Mode
The current sources (LED1 and/or LED2) can also be used as a privacy indicator before and after flash mode.
Privacy-indicate mode is enabled by setting the Enable Register bit [1:0] to (0,1). Additionally, the Privacy
Register contains the bits to select which current source to use as the privacy indicator (either LED1, LED2, or
both), whether or not the privacy-indicate mode turns off at the end of the flash pulse, and contains the 8
intensity levels for the privacy indicator.
The intensity of the LEDs in privacy indicate mode is set by PWM’ing the lowest torch current level (28.125 mA).
Bits [2:0] of the Privacy Register allow for 8 different duty cycles of 10%, 20%, 30%, 40%, 50%, 60%, 70%, and
80%. See Table 14 for Privacy Register bit settings. Figure 36 details the timing for the privacy-indicate mode on
ILED1 or ILED2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com