Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3559TLX/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559TLX/NOPB
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559TLX/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM3559TLX/NOPB Datasheet HTML 35Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 36Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 37Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 38Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 39Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 40Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 41Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 42Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
2.5
3.0
3.5
4.0
4.5
5.0
Vin (V)
91.0
88.0
85.0
82.0
79.0
76.0
73.0
70.0
67.0
64.0
61.0
58.0
55.0
ILED = 56.25 mA
ILED = 168.75 mA
ILED = 112.5 mA
ILED = 225 mA
2.5
3.0
3.5
4.0
4.5
5.0
Vin (V)
95.0
90.0
85.0
80.0
75.0
70.0
65.0
60.0
55.0
50.0
45.0
40.0
ILED = 450 mA
ILED=281.25 mA
ILED = 337.5 mA
ILED = 393.75 mA
39
LM3559
www.ti.com
SNVS624B – JUNE 2011 – REVISED JUNE 2016
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
9.2.1.3 Application Curves
Flash Brightness Codes 0xBB - 0xFF
Figure 44. LED Efficiency vs VIN Dual LEDs
Flash Brightness Codes 0x88 - 0xAA
Figure 45. LED Efficiency vs VIN Dual LEDs
Torch Brightness Codes 0x0F - 0xCF
Figure 46. LED Efficiency vs VIN Dual LEDs
Torch Brightness Codes 0x00 - 0x04
Figure 47. LED Efficiency vs VIN Dual LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com