Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3559TLX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559TLX/NOPB
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559TLX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3559TLX/NOPB Datasheet HTML 4Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 5Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 6Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 7Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 8Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 9Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 10Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 11Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
2.8
3.3
3.9
4.4
5.0
5.5
Vin (V)
6.50
6.30
6.10
5.90
5.70
5.50
TA=25°C
TA=85°C
TA=-40°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vin (V)
18.6
18.4
18.2
18.0
17.8
17.6
17.4
TA=85°C
TA=25°C
TA=-40°C
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
2.40
2.35
2.30
2.25
2.20
2.15
2.10
2.05
2.00
TA=85°C
TA=-40°C
TA=25°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vin (V)
2.05
2.03
2.01
1.99
1.97
1.95
TA=-40°C
TA=25°C
TA=85°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vin (V)
0.80
0.75
0.70
0.65
0.60
0.55
0.50
TA=85°C
TA=25°C
TA=-40°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vin (V)
6.10
6.00
5.90
5.80
5.70
5.60
5.50
5.40
TA=-40°C
TA=25°C
TA=85°C
8
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: VIN = 3.6 V, COUT = 10 µF, CIN = 10 µF, L = 1 µH (TOKO FDSD0312-1R0, RL = 43 mΩ),
Figure 43.
Figure 7. Non-Switching Current vs VIN
Figure 8. OVP Thresholds vs VIN
Figure 9. Switching Frequency vs VIN
Register Bits [2:0] = 0x00
Figure 10. Indicator Currents vs VIN Indicator
Register Bits [2:0] = 0x02
Figure 11. Indicator Current vs VIN Indicator
Register Bits [2:0] = 0x07
Figure 12. Indicator Current vs VIN Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com