Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3559TLX/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559TLX/NOPB
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559TLX/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3559TLX/NOPB Datasheet HTML 24Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 25Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 26Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 27Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 28Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 29Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 30Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 31Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
28
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Bit 7 enables or disables the message indicator blinking function. With this bit set to 0 and Bit 6 set to 1, the message indicator turns on
constantly at the programmed current as set in the Indicator Register, bits [2:0].
8.6.1 Enable Register
Bits [1:0] of the Enable Register controls the ON/OFF state of torch mode, flash mode, and privacy-indicate
mode. Bits [4:3] turn on/off the main current sources (LED1 and LED2). Bit [5] sets the level or edge control for
the STROBE input. Bits 7 and 6 control the indicator current source (see Table 2).
Table 2. Enable Register Descriptions
Bit 7
(EN Blink)
Bit 6
(EN Message
Indicator)
Bit 5
(STROBE
Level/Edge)
Bit 4
(LED2
Enable)
Bit 3
(LED1
Enable)
Bit 2
(Not Used)
Bit 1
(EN1)
Bit 0
(EN0)
0 = Message
indicator
blinking
function is
disabled(1)
(default)
1 = message
indicator
blinking
function is
enabled. The
message
indicator blinks
the pattern
programmed in
the Indicator
Register and
Indicator
Blinking
Register
0 = Message
Indicator is
disabled
(default)
1= Message
Indicator is
enabled.
0 = (Level Sensitive)
When STROBE goes
high, the flash current
will turn on and remain
on for the duration the
STROBE pin is held high
or until the flash timeout
occurs, whichever
comes first. (default)
1 = (Edge Triggered)
When STROBE goes
high , the flash current
will turn on and remain
on for the duration of the
Flash timeout.
0 = LED2 off
1 = LED2 on
(default)
0 = LED1 off
1 = LED1 on
(default)
N/A
Enable Bits
00 = Current sources are
shut down (default)
01 = Privacy-indicate mode
10 = Torch mode
11 = Flash mode (bits reset
at timeout)
8.6.2 Torch Brightness Register
Bits [2:0] of the Torch Brightness Register set the Torch current for LED1. Bits [5:3] set the torch current for
LED2. (see Table 3).
Table 3. Torch Brightness Register Descriptions
Bit 7
(N/A)
Bit 6
(N/A)
Bit 5
(TC2A)
Bit 4
(TC2B)
Bit 3
(TC2C)
Bit 2
(TC1A)
Bit 1
(TC1B)
Bit 0
(TC1C)
(Not Used)
LED2 Torch Current Select Bits
000 = 28.125 mA (56.25 mA total)
001 = 56.25 mA (112.5 mA total)
010 = 84.375 mA (168.75 mA total) default
011 = 112.5 mA (225 mA total)
100 = 140.625 mA (281.25 mA total)
101 = 168.75 mA (337.5 mA total)
110 = 196.875 mA (393.75 mA total)
111 = 225 mA (450 mA total)
LED1 Torch Current Select Bits
000 = 28.125 mA (56.25 mA total)
001 = 56.25 mA (112.5 mA total)
010 = 84.375 mA (168.75 mA total) default
011 = 112.5 mA (225 mA total)
100 = 140.625 mA (281.25 mA total)
101 = 168.75 mA (337.5 mA total)
110 = 196.875 mA (393.75 mA total)
111 = 225 mA (450 mA total)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com