Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP331
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP331 Datasheet(HTML) 2 Page - Exar Corporation

  SP331 Datasheet HTML 1Page - Exar Corporation SP331 Datasheet HTML 2Page - Exar Corporation SP331 Datasheet HTML 3Page - Exar Corporation SP331 Datasheet HTML 4Page - Exar Corporation SP331 Datasheet HTML 5Page - Exar Corporation SP331 Datasheet HTML 6Page - Exar Corporation SP331 Datasheet HTML 7Page - Exar Corporation SP331 Datasheet HTML 8Page - Exar Corporation SP331 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP33_00_0260
SPECIFICATIONS
PARAMETER
MIN.
TYP.
MAX.
UNITS CONDITIONS
LOgIC INPUTS
V
IL
0.8
Volts
V
IH
2.0
Volts
LOgIC OUTPUTS
V
OL
0.4
Volts
I
OUT = -3.2mA
V
OH
2.4
Volts
I
OUT = .0mA
RS-232 DRIVER
DC Characteristics
HIGH Level Output
+5.0
+5.0
Volts
R
L = 3kΩ, VIN = 0.8V
LOW Level Output
-5.0
-5.0
Volts
R
L = 3kΩ, VIN = 2.0V
Open Circuit Voltage
-5
+5
Volts
Short Circuit Current
+/-00
mA
V
OUT = 0V
Power Off Impedance
300
Ω
V
CC = 0V, VOUT = +/-2.0V
AC Characteristics
Slew Rate
30
V/µs
R
L = 3kΩ, CL = 50pF; VCC = +5.0V,
T
A @ 25°C
Transistion Time
.5
µs
R
L = 3kΩ, CL = 2500pF; between
+/-3V, T
A @ +25°C
Maximum Data Rate
20
235
kbps
R
L = 3kΩ, CL = 2500pF
Propagation Delay t
PHL
2
8
µs
Measured from 1.5V of V
IN to 50%
of V
OUT; RL = 3kΩ
Propagation Delay t
PLH
2
8
µs
RS-232 RECEIVER
DC Characteristics
HIGH Threshold
.7
3.0
Volts
LOW Threshold
0.8
.2
Volts
Receiver Open Circuit Bias
+2.0
Volts
Input Impedance
3
5
7
kΩ
V
IN = +5V to -5V
ABSOLUTE MAXIMUM RATINgS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC.......................................................................+7V
Input Voltages
Logic............................-0.5V to (Vcc+0.5V)
Drivers.........................-0.5V to (Vcc+0.5V)
Receivers......................+/-30V @ ≤100mA
Driver Outputs..................................................+/-5V
Maximum Data Rate..........................8Mbps (Note 1)
Storage Temperature.......................-65˚C to +150˚C
Power Dissipation
28-pin WSOIC...................................000mW
Package Derating:
28-pin WSOIC
ø
JA................................................40 °C/W
Limits are specified at T
A = 25°C and VCC = +5.0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com