Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP331
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP331 Datasheet(HTML) 3 Page - Exar Corporation

  SP331 Datasheet HTML 1Page - Exar Corporation SP331 Datasheet HTML 2Page - Exar Corporation SP331 Datasheet HTML 3Page - Exar Corporation SP331 Datasheet HTML 4Page - Exar Corporation SP331 Datasheet HTML 5Page - Exar Corporation SP331 Datasheet HTML 6Page - Exar Corporation SP331 Datasheet HTML 7Page - Exar Corporation SP331 Datasheet HTML 8Page - Exar Corporation SP331 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP33_00_0260
SPECIFICATIONS
PARAMETER
MIN.
TYP.
MAX.
UNITS CONDITIONS
RS-232 RECEIVER (continued)
AC Characteristics
Maximum Data Rate
20
235
kbps
Propagation Delay t
PHL
0.25

µs
Measured from 50% of V
IN to .5V
of V
OUT
Propagation Delay t
PLH
0.25

µs
RS-485 DRIVER
DC Characteristics
Open Circuit Voltage
6.0
Volts
Differential Output
.5
5.0
Volts
R
L = 54Ω, CL = 50pF
Balance
+/-0.2
Volts
|V
T| - |VT|
Common-Mode Output
3.0
Volts
Output Current
28.0
mA
R
L = 54Ω
Short Circuit Current
+/-250
mA
Terminated in -7V to +0V
AC Characteristics
Maximum Data Rate
0
Mbps R
L = 54Ω
Maximum Data Rate
8
Mbps T
A = +85°C, Note 
Output Transition Time
30
50
ns
Rise/Fall time, 0%-90%
Propagation Delay t
PHL
80
20
ns
See Figures 2 & 4, R
DIFF = 54Ω,
C
L = CL2 = 00pF
Propagation Delay t
PLH
80
20
ns
Driver Output Skew
0
20
ns
Per Figure 4, t
SKEW = |tPHL - tPLH|
RS-485 RECEIVER
DC Characteristics
Common Mode Range
-7.0
+2
Volts
Receiver Sensitivity
+/-0.2
+/-0.3
Volts
-7V ≤ V
CM ≤ +12V
Input Impedance
2
5
kΩ
-7V ≤ V
CM ≤ +12V
AC Characteristics
Maximum Data Rate
0
Mbps
Maximum Data Rate
8
Mbps T
A = +85°C, Note 
Propagation Delay t
PHL
30
200
ns
See Figures 2 & 6, R
DIFF = 54Ω,
C
L = CL2 = 00pF
Propagation Delay t
PLH
30
200
ns
Differential Receiver Skew
0
20
ns
t
SKEW = |tPHL - tPLH|, RDIFF = 54Ω,
C
L = CL2 = 00pF
ENABLE TIMINg
RS-485 DRIVER
Enable Time
(see Figures 3 and 5)
Enable to LOW
90
50
ns
C
L = 5pF, S Closed
Enable to HIGH
90
50
ns
C
L = 5pF, S2 Closed
Disable Time (see Figures 3 and 5)
Disable from LOW
80
20
ns
C
L = 5pF, S Closed
Disable from HIGH
80
20
ns
C
L = 5pF, S2 Closed
Limits are specified at T
A = 25°C and VCC = +5.0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com