Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331 Datasheet(PDF) 8 Page - Exar Corporation

Part # SP331
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP331 Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP331 Datasheet HTML 4Page - Exar Corporation SP331 Datasheet HTML 5Page - Exar Corporation SP331 Datasheet HTML 6Page - Exar Corporation SP331 Datasheet HTML 7Page - Exar Corporation SP331 Datasheet HTML 8Page - Exar Corporation SP331 Datasheet HTML 9Page - Exar Corporation SP331 Datasheet HTML 10Page - Exar Corporation SP331 Datasheet HTML 11Page - Exar Corporation SP331 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP33_00_0260
FUNCTION TABLE FOR SELECT PINS
A
B
C
D
MODE
FUNCTION
0
0
0
0
RS-232
All four RS-232 drivers active
0
0
0

RS-232
All four RS-232 drivers tri-state
0
0

0
RS-232
All four RS-232 drivers tri-state
0
0


RS-232
RS-232 (4ch) Loopback
0

0
0
RS-232/RS-485
T and T2 active RS-232; T3 tri-state RS-485
0

0

RS-232/RS-485
T and T2 tri-state RS-232; T3 active RS-485
0


0
RS-232/RS-485
T and T2 active RS-232; T3 tri-state RS-485
0



RS-232/RS-485
RS-232 (2ch) / RS-485 (ch) Loopback

0
0
0
RS-485/RS-232
T active RS-485; T3 and T4 active RS-232

0
0

RS-485/RS-232
T tr-state RS-485; T3 active RS-232; T4 active RS232

0

0
RS-485/RS-232
All RS-485 and RS-232 drivers tri-state

0


RS-485/RS-232
RS-485 (ch) / RS-232 (2ch) Loopback


0
0
RS-485
T and T3 active RS-485


0

RS-485
T tri-state RS-485; T3 active RS-485



0
RS-485
T active RS-485; T3 tri-state RS-485




RS-485
RS-485 (2ch) Loopback
Table 1. Mode Function Table. (Refer to Control Logic Confirmations for Block Diagrams)
THEORY OF OPERATION
The
SP331 is made up of four separate
circuit blocks — the charge pump, drivers,
receivers, and decoder. Each of these circuit
blocks is described in more detail below.
Charge–Pump
Thechargepumpisa
Exar–patenteddesign
(U.S.5,306,954)andusesauniqueapproach
compared to older less efficient designs.
The charge pump still requires four external
capacitors, but uses a four–phase voltage
shifting technique to attain symmetrical 0V
power supplies. Figure 5(a) shows the
waveformfoundonthepositivesideofcapci-
tor C2, and Figure 5(b) shows the negative
side of capcitor C2. There is a free–running
oscillator that controls the four phases of
the voltage shifting. A description of each
phase follows.
Phase 1
— V
SS charge storage —During this phase of
the clock cycle, the positive side of capaci-
tors C
 and C2 are initially charged to +5V.
C
l
+
is then switched to ground and charge
transferred to C
2
–
. Since C
2
+
is connected to
+5V, the voltage potential across capacitor
C
2 is now 0V.
Phase 2
— V
SS transfer — Phase two of the clock con-
nects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal
of C
2 to ground, and transfers the generated
–l0V to C
3. Simultaneously, the positive side
of capacitor C
 is switched to +5V and the
negative side is connected to ground.
Phase 3
— V
DD charge storage — The third phase
of the clock is identical to the first phase
— the charge transferred in C
 produces
–5V in the negative terminal of C
, which
is applied to the negative side of capacitor
C
2. Since C2
+
is at +5V, the voltage potential
across C
2 is l0V.
Phase 4
— V
DD transfer — The fourth phase of the
clock connects the negative terminal of C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com