Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP331
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP331 Datasheet(HTML) 4 Page - Exar Corporation

  SP331 Datasheet HTML 1Page - Exar Corporation SP331 Datasheet HTML 2Page - Exar Corporation SP331 Datasheet HTML 3Page - Exar Corporation SP331 Datasheet HTML 4Page - Exar Corporation SP331 Datasheet HTML 5Page - Exar Corporation SP331 Datasheet HTML 6Page - Exar Corporation SP331 Datasheet HTML 7Page - Exar Corporation SP331 Datasheet HTML 8Page - Exar Corporation SP331 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP33_00_0260
SPECIFICATIONS
PARAMETER
MIN.
TYP.
MAX.
UNITS CONDITIONS
POWER REQUIREMENTS
Supply Voltage V
CC
+4.75
+5.25
Volts
Supply Current I
CC
No Load (T
X Disabled)
0
5
mA
SEL_A ► SEL_D = "0001"
No Load (RS-232 Mode)
5
30
mA
SEL_A ► SEL_D = "0000"
No Load (RS-485 Mode)
7
20
mA
SEL_A ► SEL_D = "1100"
ENVIRONMENTAL
Operating Temperature
Commercial (_C_)
0
70
ºC
Industrial (_E_)
-40
+85
ºC
Storage Temperature
-65
+50
ºC
RECEIVER INPUT gRAPH
RS-485 RECEIVER
+1.0mA
-0.6mA
+6V
+12V
-3V
-7V
Maximum Input Current
Versus Voltage
1 Unit Load
TEST CIRCUITS
A
B
R
R
VOD
VOC
Figure . Driver DC Test Load Circuit
C
L1
15pF
RO
A
B
A
B
DI
C
L2
R
L
Figure 2. Driver/Receiver Timing Test Circuit
500Ω
CL
Output
Under
Test
S1
S2
VCC
Figure 3. Driver Timing Test Load #2 Circuit
Limits are specified at T
A = 25°C and VCC = +5.0V unless otherwise noted.
Note 1: Exceeding the maximum data rate of 8Mbps at T
A = 85°C may permanently damage the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com