Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4947TLEVAL Datasheet(PDF) 26 Page - Texas Instruments

Part # LM4947TLEVAL
Description  Mono Class D and Stereo Audio Sub-System
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4947TLEVAL Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM4947TLEVAL Datasheet HTML 22Page - Texas Instruments LM4947TLEVAL Datasheet HTML 23Page - Texas Instruments LM4947TLEVAL Datasheet HTML 24Page - Texas Instruments LM4947TLEVAL Datasheet HTML 25Page - Texas Instruments LM4947TLEVAL Datasheet HTML 26Page - Texas Instruments LM4947TLEVAL Datasheet HTML 27Page - Texas Instruments LM4947TLEVAL Datasheet HTML 28Page - Texas Instruments LM4947TLEVAL Datasheet HTML 29Page - Texas Instruments LM4947TLEVAL Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
LM4947
C3DR
C3DL
C3DL
C3DR
(internal resistors)
LM4947, LM4947TLEVAL
SNAS349D – JUNE 2006 – REVISED MAY 2013
www.ti.com
Table 5. Output Volume Control Table (continued)
Volume Step
xVC4
xVC3
xVC2
xVC1
xVC0
Gain, dB
25
1
1
0
0
0
7.50
26
1
1
0
0
1
9.00
27
1
1
0
1
0
10.50
28
1
1
0
1
1
12.00
29
1
1
1
0
0
13.50
30
1
1
1
0
1
15.00
31
1
1
1
1
0
16.50
32
1
1
1
1
1
18.00
Table 6. Output Mode Selection
Output Mode
MC2
MC1
MC0
Handsfree Mono Output
Right HP Output
Left HP Output
Number
0
0
0
0
SD
SD
SD
1
0
0
1
2 x GM x M
MUTE
MUTE
2
0
1
0
SD
GM x M
GM x M
3
0
1
1
GL x L + GR x R
MUTE
MUTE
4
1
0
0
SD
GR x R
GL x L
5
1
0
1
GL x L + GR x R + 2(GM x M)
MUTE
MUTE
6
1
1
0
SD
GR x R + GM x M
GL x L + GM x M
7
1
1
1
GR x R + GL x L
GR x R
GL x L
TI 3D ENHANCEMENT
The LM4947 features a stereo headphone, 3D audio enhancement effect that widens the perceived soundstage
from a stereo audio signal. The 3D audio enhancement creates a perceived spatial effect optimized for stereo
headphone listening. The LM4947 can be programmed for a “narrow” or “wide” soundstage perception. The
narrow soundstage has a more focused approaching sound direction, while the wide soundstage has a spatial,
theater-like effect. Within each of these two modes, four discrete levels of 3D effect that can be programmed:
low, medium, high, and maximum (Table 2), each level with an ever increasing aural effect, respectively. The
difference between each level is 3dB.
The external capacitors, shown in Figure 88, are required to enable the 3D effect. The value of the capacitors set
the cutoff frequency of the 3D effect, as shown by Equation 1 and Equation 2. Note that the internal 20k
Ω
resistor is nominal (±25%).
Figure 88. External 3D Effect Capacitors
f3DL(-3dB) = 1 / 2π * 20kΩ * C3DL
(1)
f3DR(-3dB) = 1 / 2π * 20kΩ * C3DR
(2)
Optional resistors R3DL and R3DR can also be added (Figure 89) to affect the -3dB frequency and 3D magnitude.
26
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com