Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4947TLEVAL Datasheet(PDF) 28 Page - Texas Instruments

Part # LM4947TLEVAL
Description  Mono Class D and Stereo Audio Sub-System
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4947TLEVAL Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM4947TLEVAL Datasheet HTML 24Page - Texas Instruments LM4947TLEVAL Datasheet HTML 25Page - Texas Instruments LM4947TLEVAL Datasheet HTML 26Page - Texas Instruments LM4947TLEVAL Datasheet HTML 27Page - Texas Instruments LM4947TLEVAL Datasheet HTML 28Page - Texas Instruments LM4947TLEVAL Datasheet HTML 29Page - Texas Instruments LM4947TLEVAL Datasheet HTML 30Page - Texas Instruments LM4947TLEVAL Datasheet HTML 31Page - Texas Instruments LM4947TLEVAL Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
LM4947, LM4947TLEVAL
SNAS349D – JUNE 2006 – REVISED MAY 2013
www.ti.com
LM4947 and in the transducer load. The amount of power dissipation in the LM4947 is very low. This is because
the ON resistance of the switches used to form the output waveforms is typically less than 0.25
Ω. This leaves
only the transducer load as a potential "sink" for the small excess of input power over audio band output power.
The LM4947 dissipates only a fraction of the excess power requiring no additional PCB area or copper plane to
act as a heat sink.
The LM4947 also has a pair of single-ended amplifiers driving stereo headphones, RHP and LHP. The maximum
internal power dissipation for RHP and LHP is given by Equation 7 and Equation 8. From Equation 7 and
Equation 8, assuming a 5V power supply and a 32
Ω load, the maximum power dissipation for LHP and RHP is
40mW, or 80mW total.
PDMAX-LHP = (VDD)
2 / (2π2 R
L): Single-ended Mode
(7)
PDMAX-RHP = (VDD)
2 / (2π2 R
L): Single-ended Mode
(8)
The maximum internal power dissipation of the LM4947 occurs when all 3 amplifiers pairs are simultaneously on;
and is given by Equation 9.
PDMAX-TOTAL = PDMAX-SPKROUT + PDMAX-LHP + PDMAX-RHP
(9)
The maximum power dissipation point given by Equation 9 must not exceed the power dissipation given by
Equation 10:
PDMAX = (TJMAX - TA) / θJA
(10)
The LM4947's TJMAX = 150°C. In the ITL package, the LM4947's θJA is 65°C/W. At any given ambient
temperature TA, use Equation 10 to find the maximum internal power dissipation supported by the IC packaging.
Rearranging Equation 10 and substituting PDMAX-TOTAL for PDMAX' results in Equation 11. This equation gives the
maximum ambient temperature that still allows maximum stereo power dissipation without violating the LM4947's
maximum junction temperature.
TA = TJMAX - PDMAX-TOTAL θJA
(11)
For a typical application with a 5V power supply and an 8
Ω load, the maximum ambient temperature that allows
maximum stereo power dissipation without exceeding the maximum junction temperature is approximately 104°C
for the ITL package.
TJMAX = PDMAX-TOTAL θJA + TA
(12)
Equation 12 gives the maximum junction temperature TJMAX. If the result violates the LM4947's 150°C, reduce
the maximum junction temperature by reducing the power supply voltage or increasing the load resistance.
Further allowance should be made for increased ambient temperatures.
The above examples assume that a device is a surface mount part operating around the maximum power
dissipation point. Since internal power dissipation is a function of output power, higher ambient temperatures are
allowed as output power or duty cycle decreases. If the result of Equation 9 is greater than that of Equation 10,
then decrease the supply voltage, increase the load impedance, or reduce the ambient temperature. If these
measures are insufficient, a heat sink can be added to reduce
θJA. The heat sink can be created using additional
copper area around the package, with connections to the ground pin(s), supply pin and amplifier output pins.
External, solder attached SMT heatsinks such as the Thermalloy 7106D can also improve power dissipation.
When adding a heat sink, the
θJA is the sum of θJC, θCS, and θSA. (θJC is the junction-to-case thermal impedance,
θCS is the case-to-sink thermal impedance, and θSA is the sink-to-ambient thermal impedance). Refer to the
TYPICAL PERFORMANCE CHARACTERISTICS curves for power dissipation information at lower output power
levels.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. Applications that employ a 5V regulator typically use a 1µF in parallel with a 0.1µF filter capacitors to
stabilize the regulator's output, reduce noise on the supply line, and improve the supply's transient response.
However, their presence does not eliminate the need for a local 1.1µF tantalum bypass capacitance connected
between the LM4947's supply pins and ground. Keep the length of leads and traces that connect capacitors
between the LM4947's power supply pin and ground as short as possible. Connecting a 2.2µF capacitor, CB,
between the BYPASS pin and ground improves the internal bias voltage's stability and improves the amplifier's
PSRR. The PSRR improvements increase as the bypass pin capacitor value increases. Too large, however,
increases turn-on time and can compromise the amplifier's click and pop performance. The selection of bypass
capacitor values, especially CB, depends on desired PSRR requirements, click and pop performance (as
explained in the section, SELECTING EXTERNAL COMPONENTS), system cost, and size constraints.
28
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com