Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4947TLEVAL Datasheet(PDF) 31 Page - Texas Instruments

Part # LM4947TLEVAL
Description  Mono Class D and Stereo Audio Sub-System
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4947TLEVAL Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM4947TLEVAL Datasheet HTML 27Page - Texas Instruments LM4947TLEVAL Datasheet HTML 28Page - Texas Instruments LM4947TLEVAL Datasheet HTML 29Page - Texas Instruments LM4947TLEVAL Datasheet HTML 30Page - Texas Instruments LM4947TLEVAL Datasheet HTML 31Page - Texas Instruments LM4947TLEVAL Datasheet HTML 32Page - Texas Instruments LM4947TLEVAL Datasheet HTML 33Page - Texas Instruments LM4947TLEVAL Datasheet HTML 34Page - Texas Instruments LM4947TLEVAL Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
LM4947, LM4947TLEVAL
www.ti.com
SNAS349D – JUNE 2006 – REVISED MAY 2013
REVISION HISTORY
Rev
Date
Description
1.0
06/16/06
Initial release.
1.1
06/19/06
Changed the Class D Efficiency (n) on Typical limit (from 79 to 86) on the 5V
specification table.
1.2
06/22/06
Added more Typ Perf curves.
1.3
07/18/06
Replaced some of the curves.
1.4
08/29/06
Text edits.
1.5
10/18/06
Edited DSBGA pkg drawing, Figure 1 and Figure 2.
Changed IDDQ typical and limit values on the 3.3V and 5.0V specification table.
Removed CMRR SE condition and changed typical values for CMRR BTL on
3.3V and 5.0V specification table.
Changed Mute Attenuation typical value on 5.0V specification table.
1.6
03/02/07
Edited the 3.3V and 5V EC tables.
1.7
03/02/07
Composed (CONFIDENTIAL) D/S for customer (SAMSUNG).
1.8
09/06/07
Edited Table 4.
1.9
11/09/07
Text edits.
D
05/03/13
Changed layout of National Data Sheet to TI format.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com