Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4947TLEVAL Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4947TLEVAL
Description  Mono Class D and Stereo Audio Sub-System
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4947TLEVAL Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4947TLEVAL Datasheet HTML 2Page - Texas Instruments LM4947TLEVAL Datasheet HTML 3Page - Texas Instruments LM4947TLEVAL Datasheet HTML 4Page - Texas Instruments LM4947TLEVAL Datasheet HTML 5Page - Texas Instruments LM4947TLEVAL Datasheet HTML 6Page - Texas Instruments LM4947TLEVAL Datasheet HTML 7Page - Texas Instruments LM4947TLEVAL Datasheet HTML 8Page - Texas Instruments LM4947TLEVAL Datasheet HTML 9Page - Texas Instruments LM4947TLEVAL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
LM4947, LM4947TLEVAL
SNAS349D – JUNE 2006 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS 3.3V
(1)(2) (continued)
The following specifications apply for VDD = 3.3V, TA = 25°C, and all gains are set for 0dB unless otherwise specified.
Symbol
Parameter
Conditions
LM4947
Units
(Limits)
Typical(3)
Limits(4)
A-weighted, 0dB
inputs terminated, output referred
Speaker; Mode 1
39
μV
Speaker; Mode 3
39
μV
Speaker; Mode 5
42
μV
Speaker; Mode 7
38
μV
NOUT
Output Noise
Headphone; SE, Mode 2
15
μV
Headphone; SE, Mode 4
15
μV
Headphone; SE, Mode 6
17
μV
Headphone; OCL, Mode 2
12
μV
Headphone; OCL, Mode 4
15
μV
Headphone; OCL, Mode 6
17
μV
VRIPPLE = 200mVPP; f = 217Hz,
RL = 8Ω, CB = 2.2µF, BTL
All audio inputs terminated to GND;
output referred
Power Supply Rejection Ratio
BTL, Output Mode 1
79
dB
Loudspeaker out
BTL, Output Mode 3
78
dB
BTL, Output Mode 5
79
dB
BTL, Output Mode 7
80
dB
VRIPPLE = 200mVPP; f = 217Hz,
PSRR
RL = 32Ω, CB = 2.2µF, BTL
All audio inputs terminated to GND;
output referred
SE, Output Mode 2
78
dB
Power Supply Rejection Ratio
SE, Output Mode 4
71
dB
ROUT and LOUT
SE, Output Mode 6
71
dB
OCL, Output Mode 2
83
dB
OCL, Output Mode 4
74
dB
OCL, Output Mode 6
74
dB
η
Class D Efficiency
Output Mode 1, 3, 5
86
%
f = 217Hz, VCM = 1Vpp,
CMRR
Common-Mode-Rejection Ratio
–49
dB
Mode 1, BTL, RL = 8Ω
Headphone, PO = 12mW,
–58
dB
f = 1kHz, OCL, Mode 4, RL = 32Ω
XTALK
Crosstalk
Headphone, PO = 12mW,
–73
dB
f = 1kHz, SE, Mode 4, RL = 32Ω
CB = 2.2µF, OCL, RL = 32Ω
90
ms
TWU
Wake-Up Time from Shutdown
CB = 2.2µF, SE, RL = 32Ω
115
ms
Volume Control Step Size Error
±0.2
dB
–60.25
dB (min)
Input referred maximum attenuation
-59.5
–58.75
dB (max)
Digital Volume Range
17.25
dB (min)
Input referred maximum gain
+18
18.75
dB (max)
Mute Attenuation
Output Mode 1, 3, 5
87
dB (min)
8
k
Ω (min)
Maximum gain setting
12
14
k
Ω (max)
MONO_IN Input Impedance
RIN and LIN Input Impedance
75
k
Ω (min)
Maximum attenuation setting
100
125
k
Ω (max)
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com