Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9302A Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV9302A
Description  VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9302A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV9302A Datasheet HTML 7Page - STMicroelectronics STV9302A Datasheet HTML 8Page - STMicroelectronics STV9302A Datasheet HTML 9Page - STMicroelectronics STV9302A Datasheet HTML 10Page - STMicroelectronics STV9302A Datasheet HTML 11Page - STMicroelectronics STV9302A Datasheet HTML 12Page - STMicroelectronics STV9302A Datasheet HTML 13Page - STMicroelectronics STV9302A Datasheet HTML 14Page - STMicroelectronics STV9302A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
STV9302A
Package Mechanical Data
L1
14.92
0.587
L2
21.24
21.54
21.84
0.386
0.848
0.860
L3
22.27
22.52
22.77
0.877
0.891
0.896
L4
1.29
0.051
L5
2.60
2.80
3.00
0.102
0.110
0.118
L6
15.10
15.50
15.80
0.594
0.610
0.622
L7
6.00
6.35
6.60
0.0236
0.250
0.260
L9
0.20
0.008
L10
2.10
2.70
0.082
0.106
L11
4.30
4.80
0.169
0.190
M
2.55
2.80
3.05
0.100
0.110
0.120
M1
4.83
5.08
5.33
0.190
0.200
0.210
V4
40 (Typ.)
Dia.
3.65
3.85
0.144
0.152
Table 1: Heptawatt Package (Continued)
Dim.
mm
inches
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com