Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9302A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV9302A
Description  VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9302A Datasheet(HTML) 2 Page - STMicroelectronics

  STV9302A Datasheet HTML 1Page - STMicroelectronics STV9302A Datasheet HTML 2Page - STMicroelectronics STV9302A Datasheet HTML 3Page - STMicroelectronics STV9302A Datasheet HTML 4Page - STMicroelectronics STV9302A Datasheet HTML 5Page - STMicroelectronics STV9302A Datasheet HTML 6Page - STMicroelectronics STV9302A Datasheet HTML 7Page - STMicroelectronics STV9302A Datasheet HTML 8Page - STMicroelectronics STV9302A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute Maximum Ratings
STV9302A
2/15
1
Absolute Maximum Ratings
Note:1. Usually the flyback voltage is slightly more than 2 x VS. This must be taken into consideration when
setting VS.
2. Versus pin 4
3. V3 is higher than VS during the first half of the flyback pulse.
4. Such repetitive output peak currents are usually observed just before and after the flyback pulse.
5. This non-repetitive output peak current can be observed, for example, during the Switch-On/Switch-
Off phases. This peak current is acceptable providing the SOA is respected (Figure 8 and Figure 9).
6. All pins have a reverse diode towards pin 4, these diodes should never be forward-biased.
7. Input voltages must not exceed the lower value of either VS + 2 or 40 volts.
2
Thermal Data
Symbol
Parameter
Value
Unit
Voltage
VS
Supply Voltage (pin 2) - Note 1 and Note 2
40
V
V5, V6
Flyback Peak Voltage - Note 2
70
V
V3
Voltage at Pin 3 - Note 2, Note 3 and Note 6
-0.4 to (VS + 3)
V
V1, V7
Amplifier Input Voltage - Note 2, Note 6 and Note 7
- 0.4 to (VS + 2) or +40
V
Current
I0 (1)
Output Peak Current at f = 50 to 200 Hz, t
≤ 10µs - Note 4
±5
A
I0 (2)
Output Peak Current non-repetitive - Note 5
±2
A
I3 Sink
Sink Current, t<1ms - Note 3
1.5
A
I3 Source
Source Current, t
< 1ms
1.5
A
I3
Flyback pulse current at f=50 to 200 Hz, t
≤10µs - Note 4
±5
A
ESD Susceptibility
ESD1
Human body model (100 pF discharged through 1.5 k
Ω)2
kV
ESD2
EIAJ Standard (200 pF discharged through 0
Ω)
300
V
Temperature
Ts
Storage Temperature
-40 to 150
°C
Tj
Junction Temperature
+150
°C
Symbol
Parameter
Value
Unit
RthJC
Junction-to-Case Thermal Resistance
3
°C/W
TT
Temperature for Thermal Shutdown
150
°C
TJ
Recommended Max. Junction Temperature
120
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com