Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9302A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV9302A
Description  VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9302A Datasheet(HTML) 4 Page - STMicroelectronics

  STV9302A Datasheet HTML 1Page - STMicroelectronics STV9302A Datasheet HTML 2Page - STMicroelectronics STV9302A Datasheet HTML 3Page - STMicroelectronics STV9302A Datasheet HTML 4Page - STMicroelectronics STV9302A Datasheet HTML 5Page - STMicroelectronics STV9302A Datasheet HTML 6Page - STMicroelectronics STV9302A Datasheet HTML 7Page - STMicroelectronics STV9302A Datasheet HTML 8Page - STMicroelectronics STV9302A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical Characteristics
STV9302A
4/15
Figure 1: Measurement of I1, I2 and I6
Figure 2: Measurement of V5H
Figure 3: Measurement of V3L and V5L
1V
(a)
39k
Ω
5
1
(b)
I1
(a): I2 and I6 measurement
(b): I1 measurement
S
+Vs
2
6
I2
I6
4
7
2.2V
STV9302A
5.6k
Ω
- I5
5
1V
7
2.2V
1
4
+Vs
2
6
V5H
STV9302A
+Vs
I3 or I5
3
5
V5L
V3L
(a)
(b)
(a): V5L measurement
(b): V3L measurement
STV9302A
1V
7
4
2
6
2.2V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com