Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9302A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV9302A
Description  VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9302A Datasheet(HTML) 3 Page - STMicroelectronics

  STV9302A Datasheet HTML 1Page - STMicroelectronics STV9302A Datasheet HTML 2Page - STMicroelectronics STV9302A Datasheet HTML 3Page - STMicroelectronics STV9302A Datasheet HTML 4Page - STMicroelectronics STV9302A Datasheet HTML 5Page - STMicroelectronics STV9302A Datasheet HTML 6Page - STMicroelectronics STV9302A Datasheet HTML 7Page - STMicroelectronics STV9302A Datasheet HTML 8Page - STMicroelectronics STV9302A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
STV9302A
Electrical Characteristics
3
Electrical Characteristics
(VS = 32 V, TAMB = 25°C, unless otherwise specified)
8. In normal applications, the peak flyback voltage is slightly greater than 2 x (VS - V4). Therefore, (VS
- V4) = 35 V is not allowed without special circuitry.
9. Refer to Figure 4, Stand-by condition.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Fig.
Supply
VS
Operating Supply Voltage Range (V2-V4)
Note 8
10
35
V
I2
Pin 2 Quiescent Current
I3 = 0, I5 = 0
5
20
mA
1
I6
Pin 6 Quiescent Current
I3 = 0, I5 = 0, V6 =35v
8
19
50
mA
1
Input
I1
Input Bias Current
V1 = 1 V, V7 = 2.2 V
- 0.6
-1.5
µ
A1
I7
Input Bias Current
V1 = 2.2 V, V7 = 1 V
- 0.6
-1.5
µ
A
VIR
Operating Input Voltage Range
0
VS - 2
V
VI0
Offset Voltage
2mV
∆V
I0/dt
Offset Drift versus Temperature
10
µ
V/°C
Output
I0
Operating Peak Output Current
±1
A
V5L
Output Saturation Voltage to pin 4
I5 = 1 A
1
1.7
V
3
V5H
Output Saturation Voltage to pin 6
I5 = -1 A
1.8
2.3
V
2
Stand-by
V5STBY
Output Voltage in Stand-by
V1 = V7 = VS = 0
See Note 9
VS - 2
V
Miscellaneous
G
Voltage Gain
80
dB
VD5-6
Diode Forward Voltage Between pins 5-6
I5 = 1 A
1.4
2
V
VD3-2
Diode Forward Voltage between pins 3-2
I3 = 1 A
1.3
2
V
V3SL
Saturation Voltage on pin 3
I3 = 20 mA
0.4
1
V
3
V3SH
Saturation Voltage to pin 2 (2nd part of flyback)
I3 = -1 A
2.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com