Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7462 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7462
Description  DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7462 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7462 Datasheet HTML 8Page - STMicroelectronics TDA7462 Datasheet HTML 9Page - STMicroelectronics TDA7462 Datasheet HTML 10Page - STMicroelectronics TDA7462 Datasheet HTML 11Page - STMicroelectronics TDA7462 Datasheet HTML 12Page - STMicroelectronics TDA7462 Datasheet HTML 13Page - STMicroelectronics TDA7462 Datasheet HTML 14Page - STMicroelectronics TDA7462 Datasheet HTML 15Page - STMicroelectronics TDA7462 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
dB
Hz
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
100.0
1.0K
10.0K
Subwoofer Application
Figure 14. Subwoofer Application with LPF
80/115Hz and HPF 90/130Hz
dB
Hz
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
100.0
1.0K
10.0K
VoiceBand Application
Figure 15. VoiceBand Application with HPF
180/260Hz and LPF 3k/6kHz
80Hz/115Hz
Figure 16. Switchable configuration for Front/Rear processing
Speaker Attenuator
Due to practical aspects the steps in the speak-
erattenuators are not linear over the full range. At
attenuations more than 24dB the steps increase
from 1.5dB to 10dB (see data byte specification).
Subwoofer
The Subwoofer output is a differential mono out-
put with 6dB gain. The outgoing signal generated
by adding the left and the right channel. The at-
tenuator is exactely the same like the other
speakers.
In some applications it could be helpful to change
the phase of this output by software. For this pur-
pose a bit is available in the subwoofer byte to
change the phase from 0° to 180°.
TDA7462
12/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com