Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7462 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7462
Description  DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7462 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7462 Datasheet HTML 17Page - STMicroelectronics TDA7462 Datasheet HTML 18Page - STMicroelectronics TDA7462 Datasheet HTML 19Page - STMicroelectronics TDA7462 Datasheet HTML 20Page - STMicroelectronics TDA7462 Datasheet HTML 21Page - STMicroelectronics TDA7462 Datasheet HTML 22Page - STMicroelectronics TDA7462 Datasheet HTML 23Page - STMicroelectronics TDA7462 Datasheet HTML 24Page - STMicroelectronics TDA7462 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Testing
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Main Testmode Switch
1)
off
on
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Test Multiplexer
Compander Log-Amp. Output
Compander Low-Pass Output
Compander DAC Output
internal 200kHz Clock
not allowed
not allowed
internal Bandgap Voltage
not allowed
0
1
Compander Testmode
off
on
0
1
Clock
external
internal
1
1
must be "1"
1) To avoid inadvertently programming of the Main-Testmode as well the Compander testmode it is mandatory to set the Bit 5 in the
subaddress-byte to high at the same time.
=
VCC
9V
SE1L
SE1R
100nF
100nF
MD+
MD-
100nF
100nF
CDL+
100nF
CDL-
100nF
TAPEL
TAPER
PHONE+
PHONE-
CDL+
CDL-
CDR-
100nF
CDR-
SUBOUT+
100nF
SUBOUT+
SUBOUT-
100nF
SUBOUT-
OUTRR
OUTLR
OUTLR
OUTRF
OUTRF
OUTLF
OUTLF
22
D98AU867
MUTE
SCL
SDA
SM
SCL
SDA
100nF
PDR
PAUSE
23
9
SE3L
SE3R
100nF
100nF
VS
GND
21
20
19
18
17
25
24
26
OUTRR
CDR+
100nF
CDR+
8
7
6
5
4
3
2
1
47nF
28
27
CREF
10
µF
14
10
µF
+
-
15
16
AMMONO
PAUSE
22
µF
PDGND
10
100nF
PDL
11
100nF
100nF
13
12
SE2R
SE2L
STDL
STDR
EXTR
EXTGND
EXTL
Figure 18. Application Circuit.
TDA7462
23/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com