Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7462 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7462
Description  DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7462 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7462 Datasheet HTML 1Page - STMicroelectronics TDA7462 Datasheet HTML 2Page - STMicroelectronics TDA7462 Datasheet HTML 3Page - STMicroelectronics TDA7462 Datasheet HTML 4Page - STMicroelectronics TDA7462 Datasheet HTML 5Page - STMicroelectronics TDA7462 Datasheet HTML 6Page - STMicroelectronics TDA7462 Datasheet HTML 7Page - STMicroelectronics TDA7462 Datasheet HTML 8Page - STMicroelectronics TDA7462 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PIN DESCRIPTION
N.
Name
Function
Type
1
SE1L
Single Ended Input 1 Left Channel
I
2
SE1R
Single Ended Input 1 Right Channel
I
3
MD+
Mono Differenzial Input +
I
4
MD-
Mono Differenzial Input -
I
5
CDL+
CD Input Left Channel +
I
6
CDL-
CD Input Left Channel -
I
7
CDR-
CD Input Right Channel -
I
8
CDR+
CD Input Right Channel +
I
9
PDR
Pseudo Differential Input Left
I
10
PDGND
Pseudo Differential Common Ground
I
11
PDL
Pseudo Differential Input Right
I
12
SE2L
Single Ended Input 2 Left Channel
I
13
SE2R
Single Ended Input 2 Right Channel
I
14
CREF
Stabilizer Capacitor Pin
S
15
GND
Supply Ground
S
16
VS
Supply Voltage
S
17
SUBOUT-
Subwoofer Output -
O
18
SUBOUT+
Subwoofer Output +
O
19
OUTRR
Speaker Output Right Rear
O
20
OUTLR
Speaker Output Left Rear
O
21
OUTRF
Speaker Output Right Front
O
22
OUTLF
Speaker Output Left Front
O
23
PAUSE
Pause Detector Output
O
24
SCL
I
2C bus clock
I
25
SDA
I
2C bus data
I/O
26
MUTE
Softmute drive
I
27
SE3R
Single Ended Input 3 Right Channel
I
28
SE3L
Single Ended Input 3 Left Channel
I
Pin type legenda:
I = Input
O = Output
I/O = Input/Output
S = Supply
TDA7462
3/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com