Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7462 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7462
Description  DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7462 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7462 Datasheet HTML 17Page - STMicroelectronics TDA7462 Datasheet HTML 18Page - STMicroelectronics TDA7462 Datasheet HTML 19Page - STMicroelectronics TDA7462 Datasheet HTML 20Page - STMicroelectronics TDA7462 Datasheet HTML 21Page - STMicroelectronics TDA7462 Datasheet HTML 22Page - STMicroelectronics TDA7462 Datasheet HTML 23Page - STMicroelectronics TDA7462 Datasheet HTML 24Page - STMicroelectronics TDA7462 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Compander
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Activity
off
on
0
0
1
1
0
1
0
1
Attack Times
6ms
12ms
24ms
49ms
0
0
1
1
0
1
0
1
Release Times
195ms
390ms
780ms
1.56s
0
0
0
0
1
1
1
1
0
0
1
1
0
1
0
1
0
0
1
1
0
1
0
1
SoftStep Time
1)
160
µs
320
µs
640
µs
1.28ms
2.56ms
5.12ms
10.2ms
20.4ms
0
1
Max. Compander Gain
23dB
19dB
0
1
Compander Input
Rear Selector (after Rear InGain)
Front Selector (after Front InGain)
1) Only possible if the Compander is off (Bit D0 set to 0)
Configuration
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Pause Detector
off
on
0
0
1
1
0
1
0
1
Pause ZC Window
160mV
80mV
40mV
20mV
0
1
Voice-Band Low-Pass Enable
Filter off
Filter on
0
1
Voice-Band Low-Pass Frequency
3kHz
6kHz
0
1
Voice-Band High-Pass Enable
Filter off
Filter on
0
0
1
1
0
1
0
1
High-Pass Cut-Off-Frequency
90Hz
180Hz
130Hz
260Hz
TDA7462
22/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com