Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC112ADBLE Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC112ADBLE
Description  SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC112ADBLE Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC112ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SN74LVC112A
SCAS289M – JANUARY 1993 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Parameter Measurement Information .................. 8
2
Applications ........................................................... 1
9
Detailed Description .............................................. 9
9.1
Overview ................................................................... 9
3
Description ............................................................. 1
9.2
Functional Block Diagram ......................................... 9
4
Simplified Schematic............................................. 1
9.3
Feature Description................................................... 9
5
Revision History..................................................... 2
9.4
Device Functional Modes.......................................... 9
6
Pin Configuration and Functions ......................... 3
10
Application and Implementation........................ 10
7
Specifications......................................................... 4
10.1
Application Information.......................................... 10
7.1
Absolute Maximum Ratings ..................................... 4
10.2
Typical Application ............................................... 10
7.2
ESD Ratings.............................................................. 4
11
Power Supply Recommendations ..................... 11
7.3
Recommended Operating Conditions ...................... 5
12
Layout................................................................... 12
7.4
Thermal Information .................................................. 5
12.1
Layout Guidelines ................................................. 12
7.5
Electrical Characteristics .......................................... 6
12.2
Layout Example .................................................... 12
7.6
Timing Requirements, –40°C to 85°C....................... 6
13
Device and Documentation Support ................. 12
7.7
Timing Requirements, –40°C to 125°C..................... 6
13.1
Trademarks ........................................................... 12
7.8
Switching Characteristics, –40°C to 85°C................. 7
13.2
Electrostatic Discharge Caution ............................ 12
7.9
Switching Characteristics, –40°C to 125°C............... 7
13.3
Glossary ................................................................ 12
7.10
Operating Characteristics........................................ 7
7.11
Typical Characteristics ............................................ 7
14
Mechanical, Packaging, and Orderable
Information ........................................................... 12
5 Revision History
Changes from Revision L (August 2004) to Revision M
Page
•
Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table,
Typical Characteristics, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
•
Deleted Ordering Information table. ....................................................................................................................................... 1
•
Changed MAX operating temperature to 125°C in Recommended Operating Conditions table. .......................................... 5
•
Added –40°C to 125°C temperature range to Electrical Specifications table. ...................................................................... 6
•
Added Timing Requirements table for –40°C to 125°C temperature range. .......................................................................... 6
•
Added Switching Characteristics table for –40°C to 125°C temperature range. ................................................................... 7
2
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com