Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC112ADBLE Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC112ADBLE
Description  SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC112ADBLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC112ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 9Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 10Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Temperature (GC)
-100
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D001
TPD in ns
VCC
0
1
2
3
4
0
1
2
3
4
5
6
D002
TPD in ns
SN74LVC112A
www.ti.com
SCAS289M – JANUARY 1993 – REVISED DECEMBER 2014
7.8 Switching Characteristics, –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 1.8 V
VCC = 2.5 V
VCC = 2.7 V
VCC = 3.3 V ± 0.3 V
FROM
TO
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
TYP
MAX
fmax
150
150
150
150
MHz
CLR or PRE
5.9
4.1
5.5
1
3.4
4.8
tpd
Q or Q
ns
CLK
5.6
4
7.1
1
3.5
5.9
7.9 Switching Characteristics, –40°C to 125°C
over operating free-air temperature range (unless otherwise noted)
VCC = 1.8 V
VCC = 2.5 V
VCC = 2.7 V
VCC = 3.3 V ± 0.3 V
FROM
TO
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
TYP
MAX
fmax
120
150
150
150
MHz
CLR or PRE
6.2
4
6
1
3.4
5.3
tpd
Q or Q
ns
CLK
6.2
4.1
7.6
1
3.5
6.4
7.10 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
See(1)
See(1)
24
pF
(1)
This information was not available at the time of publication.
7.11 Typical Characteristics
Figure 1. TPD vs Temperature
Figure 2. TPD vs VCC at 25°C
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVC112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com