Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC112ADBLE Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LVC112ADBLE
Description  SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC112ADBLE Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC112ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 9Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 10Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 11Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 12Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PRE
CLK
K
Q
Q
CLR
J
SN74LVC112A
www.ti.com
SCAS289M – JANUARY 1993 – REVISED DECEMBER 2014
9 Detailed Description
9.1 Overview
This dual negative-edge-triggered J-K flip-flop is designed for 1.65-V to 3.6-V VCC operation.
A low level at the preset (PRE) or clear (CLR) inputs sets or resets the outputs, regardless of the levels of the
other inputs. When PRE and CLR are inactive (high), data at the J and K inputs meeting the setup-time
requirements is transferred to the outputs on the negative-going edge of the clock pulse. Clock triggering occurs
at a voltage level and is not directly related to the rise time of the clock pulse. Following the hold-time interval,
data at the J and K inputs can be changed without affecting the levels at the outputs. The SN74LVC112A can
perform as a toggle flip-flop by tying J and K high.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
9.2 Functional Block Diagram
Figure 4. Logic Diagram, Each Flip-Flop (Positive Logic)
9.3 Feature Description
•
Wide operating voltage range
–
Operates from 1.65 V to 3.6 V
•
Allows down voltage translation
–
Inputs accept voltages to 5.5 V
•
Ioff feature
–
Allows voltages on the inputs and outputs when VCC is 0 V
9.4 Device Functional Modes
Table 1. Function Table
INPUTS
OUTPUTS
PRE
CLR
CLK
J
K
Q
Q
L
H
X
X
X
H
L
H
L
X
X
X
L
H
L
L
X
X
X
H(1)
H(1)
H
H
↓
L
L
Q0
Q 0
H
H
↓
H
L
H
L
H
H
↓
L
H
L
H
H
H
↓
H
H
Toggle
H
H
H
X
X
Q0
Q0
(1)
The output levels in this configuration may not meet the minimum
levels for VOH. Furthermore, this configuration is nonstable; that is, it
does not persist when either PRE or CLR returns to its inactive
(high) level.
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com