Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC112ADBLE Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC112ADBLE
Description  SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC112ADBLE Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC112ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 9Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SN74LVC112A
SCAS289M – JANUARY 1993 – REVISED DECEMBER 2014
www.ti.com
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN TYP(1)
MAX
MIN
MAX
MIN
MAX
1.65 V
IOH = –100 μA
to
VCC – 0.2
VCC – 0.2
VCC – 0.2
3.6 V
IOH = –4 mA
1.65 V
1.2
1.2
1.2
VOH
V
IOH = –8 mA
2.3 V
1.7
1.7
1.7
2.7 V
2.2
2.2
2.2
IOH = –12 mA
3 V
2.4
2.4
2.4
IOH = –24 mA
3 V
2.2
2.2
2.2
1.65 V
IOL = 100 μA
to
0.2
0.2
0.2
3.6 V
IOL = 4 mA
1.65 V
0.45
0.45
0.45
VOL
V
IOL = 8 mA
2.3 V
0.7
0.7
0.7
IOL = 12 mA
2.7 V
0.4
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
0.55
II
VI = 5.5 V or GND
3.6 V
±5
±5
±5
μA
VI = VCC or
ICC
IO = 0
3.6 V
10
10
10
μA
GND,
2.7 V
One input at VCC – 0.6 V,
ΔICC
to
500
500
500
μA
Other inputs at VCC or GND
3.6 V
Ci
VI = VCC or GND
3.3 V
4.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
7.6 Timing Requirements, –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
± 0.15 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
120
150
150
150
MHz
tw
Pulse duration, CLK high or low
4.2
3.3
3.3
3.3
ns
Data before CLK
↓
5.8
3.2
3.1
2.3
tsu
Setup time
ns
PRE or CLR inactive
5
2.8
2.4
1.1
th
Hold time, data after CLK
↓
6.2
4.4
2.5
0.7
ns
7.7 Timing Requirements, –40°C to 125°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
± 0.15 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
120
150
150
150
MHz
tw
Pulse duration, CLK high or low
4.1
3.3
3.3
3.3
ns
Data before CLK
↓
6
3.2
3.1
2.3
tsu
Setup time
ns
PRE or CLR inactive
5
2.8
2.4
1.1
th
Hold time, data after CLK
↓
6.2
4.7
2.5
0.7
ns
6
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com