Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95071 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM95071
Description  SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM95071 Datasheet(HTML) 2 Page - Texas Instruments

  LM95071 Datasheet HTML 1Page - Texas Instruments LM95071 Datasheet HTML 2Page - Texas Instruments LM95071 Datasheet HTML 3Page - Texas Instruments LM95071 Datasheet HTML 4Page - Texas Instruments LM95071 Datasheet HTML 5Page - Texas Instruments LM95071 Datasheet HTML 6Page - Texas Instruments LM95071 Datasheet HTML 7Page - Texas Instruments LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
L0(GPI/O)
SI
SK
CS
SI/O
SC
VDD
GND
0.1 2F
National
COP8SA
Microcontroller
LM95071/
LM95071-Q1
+3.3V
LM95071, LM95071-Q1
SNIS137D – AUGUST 2004 – REVISED SEPTEMBER 2013
www.ti.com
Pin Description
Pin
Symbol
Name
Description
Number
1
CS
Chip Select input
This pin receives an active-low signal from the controller to select the device.
2
GND
Ground
This is the power and signal ground return.
3
SI/O
Serial Input/Output
This serial, bidirectional, data bus pin transmits and receives signals to and from the
controller. Schmitt trigger input in the input mode.
4
SC
Serial bus clock
This serial clock signal comes from the controller. Schmitt trigger input.
5
VDD
Positive Supply Voltage
Supply a DC voltage from 2.4V to 5.5V to this pin and bypass with a 0.1 µF ceramic
capacitor to ground.
Typical Application
Figure 1. COP Microcontroller Interface
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to 6.0V
Voltage at any Pin
−0.3V to VDD + 0.3V
Input Current at any Pin (2)
5 mA
Storage Temperature
−65°C to +150°C
ESD Susceptibility (3)
Human Body Model
2000V
Machine Model
200V
Soldering process must comply with Reflow Temperature Profile specifications.
Refer to http://www.ti.com/packaging.(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD) the current at that pin should be limited to
5 mA.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
(4)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM95071 LM95071-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com