Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95071 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM95071
Description  SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM95071 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM95071 Datasheet HTML 9Page - Texas Instruments LM95071 Datasheet HTML 10Page - Texas Instruments LM95071 Datasheet HTML 11Page - Texas Instruments LM95071 Datasheet HTML 12Page - Texas Instruments LM95071 Datasheet HTML 13Page - Texas Instruments LM95071 Datasheet HTML 14Page - Texas Instruments LM95071 Datasheet HTML 15Page - Texas Instruments LM95071 Datasheet HTML 16Page - Texas Instruments LM95071 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
GPI/O1
GPI/O2
MISO
CS
SI/O
SC
VDD
GND
0.1 2F
68HC11
Microcontroller
LM95071/
LM95071-Q1
+5V
SC
10k
LM95071, LM95071-Q1
www.ti.com
SNIS137D – AUGUST 2004 – REVISED SEPTEMBER 2013
Figure 15. LM95071/LM95071-Q1 digital input control using microcontroller's general purpose I/O.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM95071 LM95071-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com