Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95071 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM95071
Description  SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM95071 Datasheet(HTML) 5 Page - Texas Instruments

  LM95071 Datasheet HTML 1Page - Texas Instruments LM95071 Datasheet HTML 2Page - Texas Instruments LM95071 Datasheet HTML 3Page - Texas Instruments LM95071 Datasheet HTML 4Page - Texas Instruments LM95071 Datasheet HTML 5Page - Texas Instruments LM95071 Datasheet HTML 6Page - Texas Instruments LM95071 Datasheet HTML 7Page - Texas Instruments LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
-40°C
-25°C
-0.03125°C
0°C
00,0011,0010,0000
+0.03125°C
+25°C
Temperature
+150°C
Output Code
11,1111,1111,1111
11,1100,1110,0000
11,1011,0000,0000
00,0000,0000,0000
00,0000,0000,0001
01,0010,1100,0000
SC
CS
SI
t6
t7
t8
SC
SI
t6
t7
t8
CS
LM95071, LM95071-Q1
www.ti.com
SNIS137D – AUGUST 2004 – REVISED SEPTEMBER 2013
Figure 4. Data Input Timing Diagram
Electrical Characteristics
Figure 5. Temperature-to-Digital Transfer Function (Non-linear scale for clarity)
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM95071 LM95071-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com