Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95071 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM95071
Description  SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM95071 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM95071 Datasheet HTML 5Page - Texas Instruments LM95071 Datasheet HTML 6Page - Texas Instruments LM95071 Datasheet HTML 7Page - Texas Instruments LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments LM95071 Datasheet HTML 10Page - Texas Instruments LM95071 Datasheet HTML 11Page - Texas Instruments LM95071 Datasheet HTML 12Page - Texas Instruments LM95071 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LM95071, LM95071-Q1
www.ti.com
SNIS137D – AUGUST 2004 – REVISED SEPTEMBER 2013
TEMPERATURE DATA FORMAT
Temperature data is represented by a 14-bit, two's complement word with an LSB (Least Significant Bit) equal to
0.03125°C:
Digital Output
Temperature
Binary
Hex
+150°C
0100 1011 0000 0011
4B03
+125°C
0011 1110 1000 0011
3E83
+25°C
0000 1100 1000 0011
0C83
+0.03125°C
0000 0000 0000 0111
0007
0°C
0000 0000 0000 0011
0003
−0.03125°C
1111 1111 1111 1111
FFFF
−25°C
1111 0011 1000 0011
F383
−40°C
1110 1100 0000 0011
EC03
The first data byte is the most significant byte with most significant bit first, permitting only as much data as
necessary to be read to determine temperature condition. For instance, if the first four bits of the temperature
data indicate an overtemperature condition, the host processor could immediately take action to remedy the
excessive temperatures.
SHUTDOWN MODE/MANUFACTURER ID
The master controller may enable the shutdown mode for the purpose of reducing power consumption or for
reading the Manufacturer/Device ID information. The shutdown mode is enabled by writing XX FF hex to the
LM95071/LM95071-Q1 as shown in Figure 13c. The serial bus is still active when the LM95071/LM95071-Q1 is
in shutdown. When in shutdown mode the LM95071/LM95071-Q1 always will output 1000 0000 0000 1111. This
is the Manufacturer/Device ID information. The first 5-bits of the field (1000 0XXX) are reserved for the
manufacturer ID.
INTERNAL REGISTER STRUCTURE
The LM95071/LM95071-Q1 has three registers: the temperature register, the configuration register and the
Manufacturer/Device identification register. The temperature and Manufacturer/Device identification registers are
read only. The configuration register is write only.
Configuration Register
(Selects shutdown or continuous conversion modes):
Table 1. (Write Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
X
Shutdown
D0–D15 set to XX FF hex enables shutdown mode.
D0–D15 set to XX 00 hex sets continuous-conversion mode.
Note: setting D0-D15 to any other values may place the LM95071/LM95071-Q1 into a manufacturer's test mode,
upon which the LM95071/LM95071-Q1 will stop responding as described. These test modes are to be used for
Texas Instruments production testing only. See SERIAL BUS INTERFACE for a complete discussion.
Temperature Register
Table 2. (Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit1
LSB
1
1
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM95071 LM95071-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com