Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8207MT/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM8207MT/NOPB
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8207MT/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM8207MT/NOPB Datasheet HTML 12Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 13Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 14Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 15Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 16Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 17Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 18Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 19Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
0
32
64
96
128 160 192 224 256
INPUT (DIGITAL VALUE)
VGMA3
VGMA12
VGMA1
VGMA18
VCOM
VGMA16
VGMA14
VGMA5
VGMA7
0
2
4
6
8
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
ILOAD (mA)
LM8207
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
Figure 36. Voltage Reference Headroom vs. Load Current
GAMMA BUFFERS
This section gives an overview for the applications of the gamma buffers and also defines the gamma correction
curve. Specifications for the buffers are derived from their operation range. Also included are the formulas for the
realization of the gamma correction curve using external resistors. An overview is given for the gamma voltage
accuracy, using the LM8207 in combination with external resistors.
As discussed in the section entitled “Principle Operation of a TFT-LCD,” the basic function of the gamma buffers
is to make the gamma correction curve independent of the behavior of the column driver. Writing data to each
subsequent pixel will cause load variations. The gamma buffers have a low impedance output and can handle
these variations without changing the gamma correction curve. A typical gamma correction curve is given in
Figure 37.
Figure 37. Typical Gamma Correction Curve
Each buffer covers a part of the correction curve and, therefore, has its own specifications. All buffers require
that the output should recover quickly from disturbances caused by the switching of the column driver. The
gamma voltage level of each buffer (VGMA1…VGMA18) depends on its position for the levels decrease
sequentially. To best utilize the LM8207, each buffer is optimized for its position in the gamma correction curve.
•
Gamma Buffers 1-2
–
Operating voltage range: VDD to VSS +2V. Due to the operating voltage, only negative transitions at the
output are possible. Positive transitions will exceed the supply voltage VDD. These buffers are able to
source current to bias the resistive load of the column driver having an open collector structure. To meet
the operating voltage range, these outputs need a resistive load connected to a lower potential sourcing
an output current of at least 1 mA.
•
Gamma Buffers 3-16
–
Operating voltage range: VDD – 1V to VSS + 1V. Due to the operating range, both positive and negative
transitions at the outputs are possible.
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM8207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com