Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8207MT/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM8207MT/NOPB
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8207MT/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM8207MT/NOPB Datasheet HTML 9Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 10Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 11Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 12Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 13Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 14Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 15Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 16Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DISPLAY
COLUMN DRIVER
ROW
DRIVER
MULTI
SOURCE
DC/DC
CONVERTER
& LDO
TIMING
CONTROL
VCOM
REFERENCE
VREF
GAMMA CORRECTION CURVE
LM8207
18 GAMMA BUFFER
VCOM
BUFFER
LM8342
VCOM BUFFER
COLUMN DRIVERS
CSTRAY
CSTRAY
CSTRAY
VCOM
VCOM
VCOM
PIXEL
TFT-LCD PANEL
PIXEL
PIXEL
APPROX
VDD/2
LM8207
www.ti.com
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
column drivers supply this gamma voltage via the column lines, and ‘write’ this voltage to the pixels one row at a
time. This is accomplished by having the row drivers selecting an individual row of pixels when the column driver
writes the gamma voltage levels. The row drivers sequentially apply a large positive pulse (typically 25V to 35V)
to each row line. This turns on the NMOS transistors connected to an individual row, allowing voltage from the
column lines to be written to the pixels.
Figure 31. TFT Display
The VCOM driver (buffer) supplies a common voltage (VCOM) to all the pixels in a TFT panel. VCOM is a constant
DC voltage that is in the middle of the gamma voltage range. As a result, when a column driver writes to a row of
pixels, the applied voltages are either positive or negative with respect to VCOM. In fact, the polarity of a pixel is
reversed each time a row is selected, preventing a pattern from being ‘burned’ into the LCD.
Figure 32. Block Diagram of a Typical TFT-LCD
Figure 32 shows how the display information is refreshed. Using the row and column drivers, one pixel is
addressed at the display. The column driver receives the digital color data from the timing controller. The
corresponding gamma voltage will be determined, using the gamma correction curve. In fact, the gamma
correction curve is just a voltage reference with 18 output tabs, which presets the color intensity settings. This
gamma voltage is written to the pixel. The column driver selects one column at the time; the changing in the load
may affect the ‘tabs’ of the gamma correction curve. This problem can be solved using ‘gamma buffers’ to isolate
the gamma correction curve from the column driver.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM8207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com