Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8207MT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM8207MT/NOPB
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8207MT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM8207MT/NOPB Datasheet HTML 1Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 2Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 3Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 4Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 5Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 6Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 7Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 8Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DISPLAY
COLUMN DRIVER
ROW
DRIVER
MULTI
SOURCE
DC/DC
CONVERTER
& LDO
TIMING
CONTROL
VCOM
REFERENCE
VREF
GAMMA CORRECTION CURVE
LM8207
18 GAMMA BUFFER
VCOM
BUFFER
LM8342
LM8207
www.ti.com
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
LM8207 TFT 18 Gamma Buffer + VCOM Driver + Voltage Reference
Check for Samples: LM8207
1
FEATURES
DESCRIPTION
The LM8207 is a combination of 18-channel gamma
2
•
Gamma Buffers 1-2 Swing to VDD
buffers,
a
VCOM
driver
and
a
temperature
•
Gamma Buffers 17-18 Swing to VSS
compensated
internal
voltage
reference.
It
is
•
Large Output Current VCOM Driver
designed for buffering voltage levels and driving high
(ISC = 300 mA)
capacitive loads in large TFT panels. The gamma
buffers are individually optimized to the input/output
•
Stable (1%) Internal 1.295V Reference, to
requirements of their respective gamma position to
Improve Picture Quality and Reduce Variations
cover the whole voltage range from rail to rail. Any
•
48-pin TSSOP Package
desired gamma correction curve can be obtained by
combining the gamma buffers with external resistors.
APPLICATIONS
The VCOM driver has a high output current capability
and is stable with large capacitive loads, typical for
•
TFT Gamma Curve Connection and VCOM
large panel sizes. This will result in a fast recovery
Voltage Buffering
time for large voltage variations at the output. The
internal band gap reference can be used to form a
highly
stable
voltage
to
generate
the
gamma
correction voltages. In combination with the internal
amplifier, the reference voltage can be programmed
to voltages up to the positive rail. The LM8207 is
offered in a 48-pin TSSOP package.
TFT Panel Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM8207MT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8207MT NSC-LM8207MT Datasheet
1Mb / 22P
TFT 18 Gamma Buffer VCOM Driver Voltage Reference
LM8207MTX NSC-LM8207MTX Datasheet
1Mb / 22P
TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Texas Instruments
LM8207MTX/NOPB TI2-LM8207MTX/NOPB Datasheet
1Mb / 34P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
REVISED MARCH 2013
LM8207MTX/NOPB.A TI2-LM8207MTX/NOPB.A Datasheet
1Mb / 34P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
REVISED MARCH 2013
More results

Similar Description - LM8207MT/NOPB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Intersil Corporation
EL5128 INTERSIL-EL5128 Datasheet
698Kb / 11P
Dual VCOM Amplifier & Gamma Reference Buffer
July 26, 2004
EL5625 INTERSIL-EL5625 Datasheet
470Kb / 11P
Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
February 28, 2006
EL5128 INTERSIL-EL5128_07 Datasheet
410Kb / 12P
Dual VCOM Amplifier & Gamma Reference Buffer
May 4, 2007
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Renesas Technology Corp
EL5128 RENESAS-EL5128 Datasheet
646Kb / 12P
Dual VCOM Amplifier & Gamma Reference Buffer
EL5625 RENESAS-EL5625 Datasheet
614Kb / 12P
Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com