Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8207MT/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM8207MT/NOPB
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8207MT/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM8207MT/NOPB Datasheet HTML 5Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 6Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 7Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 8Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 9Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 10Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 11Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 12Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TIME 200 ns/DIV
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VPULSE = 4 VPP
TIME 200 ns/DIV
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VPULSE = 4 VPP
10k
100k
1M
10M
100M
FREQUENCY (Hz)
-9
-6
-3
0
3
-360
-270
-180
-90
0
GAIN
PHASE
100
1k
10k
100k
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
100k
1M
10M
100M
FREQUENCY (Hz)
-6
-5
-4
-3
-2
-1
0
1
-40°C
25°C
85°C
105°C
100k
1M
10M
100M
FREQUENCY (Hz)
-9
-6
-3
0
3
CL = 100 pF
CL = 68 pF
CL = 15 pF
NO LOAD
LM8207
www.ti.com
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, VDD = 16V, VSS = 0V. Unless otherwise specified.
Frequency Response for Various Temperature
Frequency Response for Various Load
(VCOM Buffer)
(VCOM Buffer)
Figure 14.
Figure 15.
Gain/Phase (Gamma Buffer)
(CL = 100 pF)
PSRR (VCOM Buffer)
Figure 16.
Figure 17.
Recovery Time (Gamma Buffer 3-16) Negative Slope
Recovery Time (Gamma Buffer 3-16) Positive Slope
(CL = 100 pF)
(CL = 100 pF)
Figure 18.
Figure 19.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM8207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com