Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9228CS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9228CS
Description  ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9228CS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9228CS Datasheet HTML 2Page - Richtek Technology Corporation RT9228CS Datasheet HTML 3Page - Richtek Technology Corporation RT9228CS Datasheet HTML 4Page - Richtek Technology Corporation RT9228CS Datasheet HTML 5Page - Richtek Technology Corporation RT9228CS Datasheet HTML 6Page - Richtek Technology Corporation RT9228CS Datasheet HTML 7Page - Richtek Technology Corporation RT9228CS Datasheet HTML 8Page - Richtek Technology Corporation RT9228CS Datasheet HTML 9Page - Richtek Technology Corporation RT9228CS Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9228
DS9228-03 July 2001
www.richtek.com
7
Typical Application Circuit
L1
1
µH
L2
3.5
µH
+
C7
1000pF
1.21k
R2
+
+
+
+
SS
FAULT
FB1
VSEN1
PGND
LGATE1
PHASE1
UGATE1
PGOOD
OCSET1
VCC
VIN2
GATE3
FB3
VOUT2
FB2
OCSET1
VID0
VID1
VID2
VID3
VID4
GND
14
9
8
18
19
21
22
23
24
7
20
1
12
15
16
13
11
6
5
4
3
2
POWERGOOD
C5-6
2x1
µF
R1
10
C20
1
µF
C1-4
4x1000
µF
C8
1000
µF
Q3
RFD3055
C9
1000
µF
C10
270
µF
V OUT3
1.5V
V OUT2
2.5V
3.3V
GND
5V
12V
C12
0.039
µF
R5
732K
C11
0.68
µF
Q1
PHB83N03LT
PHB95N03LT
Q2
R4
4.99K
C13-19
7x1000
µF
R3
10K
V OUT1
1.3 to 3.5V
RT9228
F1
15A
R8
1K
R6
187
R9
1K
R7
1K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com