Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9228CS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9228CS
Description  ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9228CS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9228CS Datasheet HTML 1Page - Richtek Technology Corporation RT9228CS Datasheet HTML 2Page - Richtek Technology Corporation RT9228CS Datasheet HTML 3Page - Richtek Technology Corporation RT9228CS Datasheet HTML 4Page - Richtek Technology Corporation RT9228CS Datasheet HTML 5Page - Richtek Technology Corporation RT9228CS Datasheet HTML 6Page - Richtek Technology Corporation RT9228CS Datasheet HTML 7Page - Richtek Technology Corporation RT9228CS Datasheet HTML 8Page - Richtek Technology Corporation RT9228CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9228
DS9228-03 July 2001
www.richtek.com
1
Advanced PWM and Dual Linear Power Controller
General Description
The RT9228 is a 3-in-one power controller optimized
for high-performance microprocessor and computer
applications. The IC integrates a synchronous buck
PWM controller, a linear regulator, and a linear
controller as well as monitoring and protection
functions into a 24-pin SOP package. The PWM
controller regulates the microprocessor core voltage.
The linear regulator provides power for the clock
driver circuit and the linear controller regulates power
for the GTL bus.
The RT9228 features an Intel-compatible, TTL 5-bit
programmable DAC that adjusts the core voltage
from 2.1V to 3.5V in 0.1V increments and from 1.3V
to 2.05V in 0.05V steps. The 5-bit DAC has a typical
±1% tolerance. The linear regulator uses an internal
drive device to provide 2.5V
±2.5% output voltage.
The linear controller drives an external N-channel
MOSFET or a low cost NPN bipolar transistor to
provide 1.5V
±2.5%.
The RT9228 monitors all the output voltages. A
Power-good signal is issued when the core voltage is
within
±10% of the DAC setting and the other levels
are above their under-voltage levels. Additional build-
in over-voltage protection for the core output uses
the lower MOSFET to prevent output voltage above
115% of the DAC setting. The PWM over-current
function monitors the output current using the voltage
drop across the upper MOSFET’s RDS(ON), which
eliminates the need for a current sensing resistor.
Ordering Information
RT9228
Features
3-in-one Regulated Voltages for Microprocessor
Core, Clock, and GTL
Compatible with HIP6018B
Power-good Output Voltage Monitor
Switching section
5-bit DAC Programmable from 1.3V to 3.5V
±1% DAC Accuracy
Fast Transient Response
Full 0% to 100% Duty Cycle Driver
Fixed 200kHz Switching Frequency
Adaptive Non-overlapping Gate Driver
Over-current Monitor Uses MOSFET RDS(ON)
Over-voltage Protection Uses Lower MOSFET
Linear Section
User-adjustable Linear Regulator Output Voltage
MOSFET or NPN Driving Capability
Ultra Fast Response Speed
Under-voltage Protection
Internal Thermal Shutdown
Applications
Full Motherboard Power Regulation for Computer
Low-voltage Distribution Power Supplies
Pin Configurations
Part Number
Pin Configurations
RT9228CS
(Plastic SOP-24)
TOP VIEW
Operating temperature range
C: Commercial standard
Package type
S : SOP-24
1
2
3
4
5
6
7
8
9
10
VID4
VID3
VID2
VID1
VID0
PGOOD
FAULT
SS
NC
UGATE1
PHASE1
LGATE1
PGND
OCSET1
VSEN1
FB1
NC
FB3
GATE3
VCC
VIN2
FB2
GND
VOT2
11
12
13
14
15
16
17
18
19
20
21
22
23
24


Similar Part No. - RT9228CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228GS RICHTEK-RT9228GS Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228PS RICHTEK-RT9228PS Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
More results

Similar Description - RT9228CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
Advanced PWM and Dual Fixed Linear Power Controller
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com