Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9228CS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9228CS
Description  ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9228CS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9228CS Datasheet HTML 1Page - Richtek Technology Corporation RT9228CS Datasheet HTML 2Page - Richtek Technology Corporation RT9228CS Datasheet HTML 3Page - Richtek Technology Corporation RT9228CS Datasheet HTML 4Page - Richtek Technology Corporation RT9228CS Datasheet HTML 5Page - Richtek Technology Corporation RT9228CS Datasheet HTML 6Page - Richtek Technology Corporation RT9228CS Datasheet HTML 7Page - Richtek Technology Corporation RT9228CS Datasheet HTML 8Page - Richtek Technology Corporation RT9228CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9228
DS9228-03 July 2001
www.richtek.com
3
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reference and DAC
DAC (VID0-VID4) Input Low Voltage
--
--
0.8
V
DAC (VID0-VID4) Input High Voltage
2.0
--
--
V
DACOUT Voltage Accuracy
DACOUT = 2.05 ~ 3.50V
-1
--
1
%
DACOUT Voltage Accuracy
DACOUT = 1.30 ~ 2.00V
-1%
--
20mV
-
Reference Voltage (Pin FB2 and FB3)
VREF
1.240
1.265
1.290
V
Linear Regulator
Regulation
10mA
< IVOUT2 < 150mA
-2.5
--
2.5
%
Under-voltage Level
FB2 Rising
--
75
87
%
Under-voltage Hysteresis
--
100
--
mV
Over-current Protection
IOVP
180
230
--
mA
Over-current Protection During Start-up
--
700
--
mA
Linear Controller
Regulation
VSEN3 = GATE3
0
< IGATE3 < 20mA
-2.5
--
2.5
%
Under-voltage Level
FB3 Rising
--
75
87
%
Under-voltage Hysteresis
--
100
--
mV
Output Drive Current
VIN2 – VOUT3
> 1.5V
20
40
--
mA
PWM Controller Error Amplifier
DC Gain
--
65
--
dB
PWM Controller Gate Driver
UGATE Source
RUGATE1
VCC = 12V
VCC - VUGATE1 = 1V
--
3
7
Ω
UGATE Sink
RUGATE1 VUGATE1 = 1V
--
3
7
Ω
LGATE Source
ILGATE1
VCC = 12V
VLGATE1 = 2V
--
1
--
A
LGATE Sink
RLGATE1 VLGATE1 = 1V
--
2
6
Ω
Protection
VOUT1 Over-voltage Trip
VSEN1 Rising
112
115
120
%
FAULT Souring Current
IOVP
VFAULT = 8V
10
14
--
mA
OCSET1 Current Source
IOCSET
VOCSET1 = 4.5V
170
200
230
µA
Soft-start Current
ISS
VSS = 1V
--
11
--
µA
Power Good
VOUT1 Upper Threshold
VSEN1 Rising
108
--
112
%
VOUT1 Under Voltage
VSEN1 Rising
89
--
95
%
VOUT1 Hysteresis (VSEN1/DACOUT)
Upper/Lower Threshold
--
2
--
%
PGOOD Voltage Low
IPGOOD = -4mA
--
--
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com