Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9228CS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9228CS
Description  ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9228CS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9228CS Datasheet HTML 1Page - Richtek Technology Corporation RT9228CS Datasheet HTML 2Page - Richtek Technology Corporation RT9228CS Datasheet HTML 3Page - Richtek Technology Corporation RT9228CS Datasheet HTML 4Page - Richtek Technology Corporation RT9228CS Datasheet HTML 5Page - Richtek Technology Corporation RT9228CS Datasheet HTML 6Page - Richtek Technology Corporation RT9228CS Datasheet HTML 7Page - Richtek Technology Corporation RT9228CS Datasheet HTML 8Page - Richtek Technology Corporation RT9228CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9228
www.richtek.com
DS9228-03 July 2001
2
Absolute Maximum Ratings
Supply Voltage
+15V
PGOOD, FAULT and GATE Voltage
GND
−0.3V to VCC+0.3V
Input, Output or I/O Voltage
GND
−0.3V to 7V
Ambient Temperature Range
0
°C to +70°C
Junction Temperature Range
0
°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
300
°C
Package Thermal Resistance
SOP-24,
θJA
75
°C/W
Recommended Operating Conditions
Supply Voltage
+12V
±10%
Ambient Temperature Range
0
°C to 70°C
Junction Temperature Range
0
°C to 125°C
CAUTION:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress only rating and operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
Electrical Characteristics
(VCC = 12V, PGND = 0V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
UGATE1, GATE3, LGATE1,
and VOUT2 Open
--
10
--
mA
Power-On Reset
VCC Rising Threshold
VOCSET1 = 4.5V
7.5
--
9.5
V
VCC Falling Threshold
VOCSET1 = 4.5V
7
--
9
V
Rising VIN2 Under-voltage Threshold
--
2.8
--
V
VIN2 Under-voltage Hysteresis
--
0.5
--
V
Rising VOCSET1 Threshold
--
1.25
--
V
Oscillator
Free Running Frequency
180
200
225
kHz
Ramp Amplitude
∆VOSC
--
1.9
--
VP-P
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com