Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN761677DA Datasheet(PDF) 2 Page - Texas Instruments

Part # SN761677DA
Description  TV/VCR TUNER IC WITH DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761677DA Datasheet(HTML) 2 Page - Texas Instruments

  SN761677DA Datasheet HTML 1Page - Texas Instruments SN761677DA Datasheet HTML 2Page - Texas Instruments SN761677DA Datasheet HTML 3Page - Texas Instruments SN761677DA Datasheet HTML 4Page - Texas Instruments SN761677DA Datasheet HTML 5Page - Texas Instruments SN761677DA Datasheet HTML 6Page - Texas Instruments SN761677DA Datasheet HTML 7Page - Texas Instruments SN761677DA Datasheet HTML 8Page - Texas Instruments SN761677DA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SN761677
SLES066A – DECEMBER 2002
www.ti.com
2
Thesedevices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage (2), VCC
VCC, TUVCC
–0.4 V to 7 V
Input voltage 1 (2), VGND
RF GND, OSC GND, TUGND
–0.4 V to 0.4 V
Input voltage 2 (2), V(VTU)
VTU (4)
–0.4 V to 35 V
Input voltage 3 (2), VIN
Other input pins
–0.4 V to 7 V
Continuous total dissipation (3), PD
TA ≤ 25°C
1168 mW
Operating free–air temperature, TA
–20
°C to 85°C
Storage temperature range, Tstg
–65
°C to 150°C
Maximum junction temperature, TJ
150
°C
Maximum lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Maximum short circuit time, tSC(max)
All pins to VCC/TUVCC, IFGND, OSCGND, RFGND, TUGND
10 sec
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied.Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) Voltage values are with respect to the IF GND of the circuit.
(3) Derating factor is 9.34 mW/
°C for TA ≤ 25°C.
(4) 30 V max, when input from external power supply.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
V
Band switch driver source current, IBS
One port on
10
mA
NPN port sink current, INPN
One port on
–10
–15
mA
Operating free-air temperature, TA
–20
85
°C
CAUTION:
It is advised that precautions be taken to avoid damage due to high static voltages or electrostatic fields while handling this device. UHF
OSC (pins 6–9) can withstand 1.5 kV and all other pins can withstand 2 kV, according to the Human Body Model (1.5 k
Ω, 100 pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com