Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN761677DA Datasheet(PDF) 7 Page - Texas Instruments

Part # SN761677DA
Description  TV/VCR TUNER IC WITH DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761677DA Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN761677DA Datasheet HTML 3Page - Texas Instruments SN761677DA Datasheet HTML 4Page - Texas Instruments SN761677DA Datasheet HTML 5Page - Texas Instruments SN761677DA Datasheet HTML 6Page - Texas Instruments SN761677DA Datasheet HTML 7Page - Texas Instruments SN761677DA Datasheet HTML 8Page - Texas Instruments SN761677DA Datasheet HTML 9Page - Texas Instruments SN761677DA Datasheet HTML 10Page - Texas Instruments SN761677DA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SN761677
SLES066A – DECEMBER 2002
www.ti.com
7
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
VLO OSC B
1
VHF low oscillator input base
2
3k
1
VLO OSC C
2
VHF low oscillator output collector
3k
3k
OSC GND
3
Oscillator ground
VHI OSC B
4
VHF hi oscillator input base
5
3k
4
VHI OSC C
5
VHF hi oscillator output collector
3k
3k
UHF OSC B1
6
UHF oscillator input base1
8
7
UHF OSC C1
7
UHF oscillator output collector1
8
7
UHF OSC C2
8
UHF oscillator output collector2
9
6
3k
UHF OSC B2
9
UHF oscillator input base2
3k
3k
IF GND
10
IF ground
IF OUT1
11
IF output
11
12
IF OUT2
12
IF output
VCC
13
Supply voltage for mixer/oscillator/PLL: 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com