Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN761677DA Datasheet(PDF) 4 Page - Texas Instruments

Part # SN761677DA
Description  TV/VCR TUNER IC WITH DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761677DA Datasheet(HTML) 4 Page - Texas Instruments

  SN761677DA Datasheet HTML 1Page - Texas Instruments SN761677DA Datasheet HTML 2Page - Texas Instruments SN761677DA Datasheet HTML 3Page - Texas Instruments SN761677DA Datasheet HTML 4Page - Texas Instruments SN761677DA Datasheet HTML 5Page - Texas Instruments SN761677DA Datasheet HTML 6Page - Texas Instruments SN761677DA Datasheet HTML 7Page - Texas Instruments SN761677DA Datasheet HTML 8Page - Texas Instruments SN761677DA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN761677
SLES066A – DECEMBER 2002
www.ti.com
4
ELECTRICAL CHARACTERISTICS (Continued)
VCC = 4.5 V to 5.5 V, TA = –20°C to 85°C (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PLL and NPN Port
N
Divider ratio
14-bit frequent word
256
16383
N
Divider ratio
15-bit frequent word
256
32767
FXTAL
Crystal oscillator
Rxtal = 25
Ω to 300 Ω
4
MHz
ZXTAL
Crystal oscillator input impedance
VCC = 5 V, TA = 25°C
2.3
k
Ω
VXTALIN
External crystal oscillator input
amplitude
400
mVp–p
VO(TU)
Tuning amplifier low-level output
voltage
RL = 27 kΩ
0.4
0.7
V
IIH(CPH)
Charge pump high-level input current
CP = 1
40
µA
IIL(CPH)
Charge pump low-level input current
CP = 0
10
µA
VO(CP)
Charge pump output voltage
In lock
1.95
V
Ilkg(CPOFF)
Charge pump leakage current
T2 = 0, T1 = 1, VO(CP) = 2 V, TA = 25°C
–15
15
nA
IBS
Band switch driver source current
10
mA
VO(SBS1)
Band switch driver output voltage
IBS = 10 mA
3
V
VO(SBS2)
Band switch driver output voltage
IBS = 10 mA, VCC = 5 V, TA = 25°C
3.5
3.9
V
Ilkg(BSOFF)
Band switch driver leakage current
VBS = 0 V
3
µA
INPN
NPN port sink current
–15
mA
VO(SN1)
NPN port output voltage
INPN = 100 µA
0.2
V
VO(SN2)
NPN port output voltage
INPN = 10 mA
0.5
V
Ilkg(NPNOFF)
NPN port leakage current
VCC = 5.5 V, VNPN = 1.5 V
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com