Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN761677DA Datasheet(PDF) 3 Page - Texas Instruments

Part # SN761677DA
Description  TV/VCR TUNER IC WITH DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761677DA Datasheet(HTML) 3 Page - Texas Instruments

  SN761677DA Datasheet HTML 1Page - Texas Instruments SN761677DA Datasheet HTML 2Page - Texas Instruments SN761677DA Datasheet HTML 3Page - Texas Instruments SN761677DA Datasheet HTML 4Page - Texas Instruments SN761677DA Datasheet HTML 5Page - Texas Instruments SN761677DA Datasheet HTML 6Page - Texas Instruments SN761677DA Datasheet HTML 7Page - Texas Instruments SN761677DA Datasheet HTML 8Page - Texas Instruments SN761677DA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SN761677
SLES066A – DECEMBER 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
VCC = 4.5 V to 5.5 V, TA = –20°C to 85°C (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total Device and Serial Interface
ICC1
Supply current 1 (VCC)
75
95
mA
ICC2
Supply current 2 (VCC)
One band switch on (IBS = 10 mA)
85
105
mA
ICC3
Supply current 3 (TUVCC)
IVDC = 50 µA
4
10
mA
VIH
High-level input voltage (SCL, SDA)
3
V
VIL
Low-level input voltage (SCL, SDA)
1.5
V
IIH
High-level input current (SCL, SDA)
10
µA
IIL
Low-level input current (SCL, SDA)
–10
µA
VPOR
Power-on reset supply voltage
Threshold of supply voltage between reset
and operation mode
2.1
3.7
4
V
DC/DC Converter
VO(VDC)
Output voltage (VDC)
IVDC = 50 µA
35
V
IC(VDCM)
Output current (VDC)
230
µA
ts
Output settling time (VDC)
From VTUVCC > 4.5 V to VO(VDC) < 28 V
100
ms
I2C Interface
VASH
Address select high-input voltage (AS)
VCC = 5 V
4.5
5
V
VASM
Address select mid-input voltage (AS)
VCC = 5 V
2
3
V
VASL
Address select low-input voltage (AS)
VCC = 5 V
0.5
V
IASH
Address select high-input current (AS)
10
µA
IASL
Address select low-input current (AS)
–10
µA
VI(ADC)
ADC input voltage
See Table 9
0
VCC
V
IIH(ADH)
ADC high-level input current
VI(ADC) = VCC
10
µA
IIL(ADL)
ADC low-level input current
VI(ADC) = 0 V
–10
µA
VOL
Low-level output voltage (SDA)
VCC = 5 V, IOL = 3 mA
0.4
V
llkg(SDA)
High-level output leakage current
(SDA)
VSDA = 5.5 V
10
µA
FSCL
Clock frequency (SCL)
100
400
kHz
th(DAT)
Data hold time
See timing chart in Figure 1
0
µs
tBUF
Bus free time
1.3
µs
th(STA)
Start hold time
0.6
µs
th(low)
SCL low hold time
0.6
µs
th(lhigh)
SCL high hold time
0.6
µs
tsu(STA)
Start setup time
0.6
µs
tsu(DAT)
Data setup time
0.1
µs
tr
SCL, SDA rise time
0.3
µs
tf
SCL, SDA fall time
0.3
µs
tsu(STO)
STOP setup time
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com