Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2021 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP2021 Datasheet HTML 3Page - Texas Instruments LMP2021 Datasheet HTML 4Page - Texas Instruments LMP2021 Datasheet HTML 5Page - Texas Instruments LMP2021 Datasheet HTML 6Page - Texas Instruments LMP2021 Datasheet HTML 7Page - Texas Instruments LMP2021 Datasheet HTML 8Page - Texas Instruments LMP2021 Datasheet HTML 9Page - Texas Instruments LMP2021 Datasheet HTML 10Page - Texas Instruments LMP2021 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
LMP2021, LMP2022
www.ti.com
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(5)
The EMI Rejection Ratio is defined as EMIRR = 20Log ( VRF-PEAK/ΔVOS).
6.6 Electrical Characteristics: 5 V
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5 V, V− = 0 V, V
CM = V
+/2, R
L > 10 kΩ to V
+/2.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VOS
Input Offset Voltage
–5
−0.4
5
μV
–40°C
≤ TJ ≤ 125°C
–10
10
TCVOS
Input Offset Voltage Drift(4)
–0.02
−0.004
0.02
μV/°C
IB
Input Bias Current
–100
±25
100
pA
–40°C
≤ TJ ≤ 125°C
–300
300
IOS
Input Offset Current
–200
±48
200
pA
–40°C
≤ TJ ≤ 125°C
–250
250
CMRR
Common Mode Rejection Ratio
−0.2 V ≤ VCM ≤ 4.2 V, 0 V ≤ VCM ≤ 4.0 V
120
139
dB
−0.2 V ≤ VCM ≤ 4.2 V, 0 V ≤ VCM ≤ 4.0 V,
–40°C
≤ TJ ≤ 125°C
115
CMVR
Input Common-Mode Voltage
Range
Large Signal CMRR
≥ 120 dB
–0.2
4.2
V
Large Signal CMRR
≥ 115 dB, –40°C ≤ TJ
≤ 125°C
0
4.0
EMIRR
Electro-Magnetic Interference
Rejection Ratio(5)
IN+
and
IN
−
VRF-PEAK = 100 mVP (−20 dBVP)
f = 400 MHz
58
dB
VRF-PEAK = 100 mVP (−20 dBVP)
f = 900 MHz
64
VRF-PEAK = 100 mVP (−20 dBVP)
f = 1800 MHz
72
VRF-PEAK = 100 mVP (−20 dBVP)
f = 2400 MHz
82
PSRR
Power Supply Rejection Ratio
2.5 V
≤ V+ ≤ 5.5 V, VCM = 0
115
130
dB
2.5 V
≤ V+ ≤ 5.5 V, VCM = 0, –40°C ≤ TJ ≤
125°C
112
2.2 V
≤ V+ ≤ 5.5 V, VCM = 0
110
130
AVOL
Large Signal Voltage Gain
RL = 10 kΩ to V
+/2, V
OUT = 0.5 V to 4.5 V
125
160
dB
RL = 10 kΩ to V
+/2, V
OUT = 0.5 V to 4.5 V,
–40°C
≤ TJ ≤ 125°C
120
RL = 2 kΩ to V
+/2, V
OUT = 0.5 V to 4.5 V
123
160
RL = 2 kΩ to V
+/2, V
OUT = 0.5 V to 4.5 V,
–40°C
≤ TJ ≤ 125°C
118
VOUT
Output Swing High
RL = 10 kΩ to V
+/2
83
135
mV
from either
rail
RL = 10 kΩ to V
+/2, –40°C ≤ T
J ≤ 125°C
170
RL = 2 kΩ to V
+/2
120
160
RL = 2 kΩ to V
+/2, –40°C ≤ T
J ≤ 125°C
204
Output Swing Low
RL = 10 kΩ to V
+/2
65
80
RL = 10 kΩ to V
+/2, –40°C ≤ T
J ≤ 125°C
105
RL = 2 kΩ to V
+/2
103
125
RL = 2 kΩ to V
+/2, –40°C ≤ T
J ≤ 125°C
158
IOUT
Linear Output Current
Sourcing, VOUT = 4.5 V
30
50
mA
Sinking, VOUT = 0.5 V
30
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com