Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2021 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP2021 Datasheet HTML 12Page - Texas Instruments LMP2021 Datasheet HTML 13Page - Texas Instruments LMP2021 Datasheet HTML 14Page - Texas Instruments LMP2021 Datasheet HTML 15Page - Texas Instruments LMP2021 Datasheet HTML 16Page - Texas Instruments LMP2021 Datasheet HTML 17Page - Texas Instruments LMP2021 Datasheet HTML 18Page - Texas Instruments LMP2021 Datasheet HTML 19Page - Texas Instruments LMP2021 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
10
100
1k
10k
FREQUENCY (Hz)
1
10
100
GAIN = 1000
GAIN = 500
GAIN = 250
GAIN = 100
GAIN = 51
GAIN = 10
1
10
100
1000
CLOSED LOOP GAIN (V/V)
0
4
8
12
16
20
24
VS = 5V
f = 100 Hz
16
LMP2021, LMP2022
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
Twisted pair cabling and the active front-end’s common-mode rejection provide immunity against low frequency
noise (i.e. 60 Hz or 50 Hz mains) but are ineffective against RF interference. Figure 46 displays this. Even a few
centimeters of PCB trace and wiring for sensors located close to the amplifier can pick up significant 1 GHz RF.
The integrated EMI filters of LMP202x reduce or eliminate external shielding and filtering requirements, thereby
increasing system robustness. A larger EMIRR means more rejection of the RF interference. For more
information on EMIRR, please refer to AN-1698 (Literature Number SNOA497).
7.4.2 Input Voltage Noise
The input voltage noise density of the LMP202x has no 1/f corner, and its value depends on the feedback
network used. This feature of the LMP202x differentiates this family from other products currently available from
other vendors. In particular, the input voltage noise density decreases as the closed loop voltage gain of the
LMP202x increases. The input voltage noise of the LMP202x is less than 11 nV/
√Hz when the closed loop
voltage gain of the op amp is 1000. Higher voltage gains are required for smaller input signals. When the input
signal is smaller, a lower input voltage noise is quite advantageous and increases the signal to noise ratio.
Figure 35 shows the input voltage noise of the LMP202x as the closed loop gain increases.
Figure 35. Input Voltage Noise Density decreases with Gain
Figure 36 shows the input voltage noise density does not have the 1/f component.
Figure 36. Input Voltage Noise Density with no 1/f
With smaller and smaller input signals and high precision applications with lower error budget, the reduced input
voltage noise and no 1/f noise allow more flexibility in circuit design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com