Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2021 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP2021 Datasheet HTML 7Page - Texas Instruments LMP2021 Datasheet HTML 8Page - Texas Instruments LMP2021 Datasheet HTML 9Page - Texas Instruments LMP2021 Datasheet HTML 10Page - Texas Instruments LMP2021 Datasheet HTML 11Page - Texas Instruments LMP2021 Datasheet HTML 12Page - Texas Instruments LMP2021 Datasheet HTML 13Page - Texas Instruments LMP2021 Datasheet HTML 14Page - Texas Instruments LMP2021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
-40
-30
-20
-10
0
10
20
RF INPUT SIGNAL PEAK (dBm)
0
20
40
60
80
100
120
30
VS = 2.5V
fRF = 2400 MHz
fRF = 1800 MHz
fRF = 900 MHz
fRF = 400 MHz
-40
-30
-20
-10
0
10
20
30
RF INPUT SIGNAL PEAK (dBm)
0
20
40
60
80
100
120
140
fRF = 2400 MHz
VS = 5V
fRF = 1800 MHz
fRF = 400 MHz
fRF = 900 MHz
100
10k
10M
FREQUENCY (Hz)
-20
20
60
120
1M
100k
1k
100
40
0
80
-30
30
90
180
150
60
0
120
VS = 5V
RL = 10 k:
CL = 20 pF
PHASE
GAIN
TA = -40°C, 25°C, 85°C, 125°C
10
100
1000
10000
FREQUENCY (MHz)
0
20
40
60
80
100
120
140
160
VS = 5V
VS = 2.5V
100
10k
10M
FREQUENCY (Hz)
-20
20
60
120
1M
100k
1k
100
40
0
80
-30
30
90
180
150
60
0
120
GAIN
PHASE
VS = 2.5V
RL = 2 k:, 10 k:, 10 M:
CL = 20 pF, 50 pF, 100 pF
100
10k
10M
FREQUENCY (Hz)
-20
20
60
120
1M
100k
1k
100
40
0
80
-30
30
90
180
150
60
0
120
GAIN
PHASE
VS = 5V
RL = 2 k:, 10 k:, 10 M:
CL = 20 pF, 50 pF, 100 pF
11
LMP2021, LMP2022
www.ti.com
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VS= V
+ – V–, V
S= 5 V, VCM = VS/2.
Figure 13. Open Loop Frequency Response
Figure 14. Open Loop Frequency Response
Figure 15. Open Loop Frequency Response Over
Temperature
Figure 16. EMIRR vs. Frequency
Figure 17. EMIRR vs. Input Power
Figure 18. EMIRR vs. Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com