Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2021 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP2021 Datasheet HTML 5Page - Texas Instruments LMP2021 Datasheet HTML 6Page - Texas Instruments LMP2021 Datasheet HTML 7Page - Texas Instruments LMP2021 Datasheet HTML 8Page - Texas Instruments LMP2021 Datasheet HTML 9Page - Texas Instruments LMP2021 Datasheet HTML 10Page - Texas Instruments LMP2021 Datasheet HTML 11Page - Texas Instruments LMP2021 Datasheet HTML 12Page - Texas Instruments LMP2021 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
2
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
-10
-5
0
5
10
2.5
-40°C
25°C
85°C
125°C
10
1k
1M
FREQUENCY (Hz)
0
40
80
140
100k
10k
100
120
60
20
100
+PSRR
-PSRR
VS = 2.5V, 5V
VCM = VS/2
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
VOS (PV)
VS = 5V
TA = 25°C
VCM = VS/2
UNITS TESTED = 6200
-20
-10
0
10
20
0
2
4
6
8
10
12
14
16
TCVOS (nV/°C)
VS = 5V
VCM = VS/2
-40°C d TA d 125°C
UNITS TESTED = 6200
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
VOS (PV)
VS = 2.5V
TA = 25°C
VCM = VS/2
UNITS TESTED > 1700
-20
-10
0
10
20
0
2
4
6
8
10
12
14
TCVOS (nV/°C)
VS = 2.5V
VCM = VS/2
-40°C d TA d 125°C
UNITS TESTED > 1700
9
LMP2021, LMP2022
www.ti.com
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VS= V
+ – V–, V
S= 5 V, VCM = VS/2.
Figure 1. Offset Voltage Distribution
Figure 2. TCVOS Distribution
Figure 3. Offset Voltage Distribution
Figure 4. TCVOS Distribution
Figure 5. Offset Voltage vs. Supply Voltage
Figure 6. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com