Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8601MA/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MA/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMP8601MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 31Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
C1
RSENSE
POWER
SWITCH
INDUCTIVE
LOAD
24V
+IN
-IN
+
-
Preamplifier
Output Buffer
Gain = K2
A1
A2
Gain = 10
OFFSET
Internal
Resistor
100 k:
OUT
Level
shift
1
5
3
4
7
8
28
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2 Low-Side, Current-Sensing Application
Figure 62 illustrates a low-side, current-sensing application with a low-side driver. The power transistor is pulse
width modulated to control the average current flowing through the inductive load which is connected to a
relatively high battery voltage. The current through the load is measured across a shunt resistor RSENSE in series
with the load. When the power transistor is on, current flows from the battery through the inductive load, the
shunt resistor and the power transistor to ground. In this case, the common-mode voltage on the shunt is close
to ground. When the power transistor is off, current flows through the inductive load, through the shunt resistor
and through the freewheeling diode. In this case the common-mode voltage on the shunt is at least one diode
voltage drop above the battery voltage. Therefore, in this application the common-mode voltage on the shunt is
varying between a large positive voltage and a relatively low voltage. Because the large common-mode voltage
range of the LMP860x and LMP860x-Q1 and because of the high ac common-mode rejection ratio, the LMP860x
and LMP860x-Q1 are very well suited for this application.
RSENSE = 0.01 Ω, K2 = 2, VOUT = 0.2 V/A
Figure 62. Low-Side Current-Sensing Application
For this application, the following example can be used for the calculation of the sense voltage (VSENSE):
When using a sense resistor, RSENSE, of 0.01 Ω and a current, ILOAD, of 1 A, the sense voltage at the input pins of
the LMP860x and LMP860x-Q1 is:
VSENSE = RSENSE × ILOAD = 0.01 Ω × 1 A = 0.01 V
(35)
With the gain of 20 for the LMP8601, the result is an output of 0.2 V. Or in other words, VOUT = 0.2 V/A. The
result is the same for the LMP8601-Q1.
For the LMP8602 and LMP8602-Q1 with a gain of 50, the output is 0.5 V/A.
For the LMP8603 and LMP8603-Q1 with a gain of 100, the output is 1 V/A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com